Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLP-20-18 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # PLP-20-18
Description  20W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLP-20-18 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  PLP-20-18 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLP-20-18 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLP-20-18 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DRIVINGMETHODSOFLEDMODULE
20WSingleOutputLEDPowerSupply
P L P - 2 0 series
FileName:PLP-20-SPEC2011-08-11
ThisLEDpowersupplyissuggestedtoworkinconstantcurrentmodearea(CC)todrivetheLEDs.
TypicalLEDpowersupplyI-Vcurve
100
75
50
100
(max.)
Io (%)
Constant
Current area
Hiccup
Protection
PLP-20seriespossesssuperiorworkingefficiencythatupto83.5%canbereachedinfieldapplications.
LOAD
PowerFactorCharacteristic
Powerfactorwillbehigherthan0.9whenoutputloadingis75%orhigher.
EFFICIENCY vsLOAD(48VModel)
ConstantCurrentMode
LOAD
0.78
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
50%
60%
70%
80%
90%
100%
277Vac
230Vac
115Vac
42
46
50
54
58
62
66
70
74
78
82
86
90
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
277Vac
230Vac
115Vac
(20W)


Similar Part No. - PLP-20-18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-20-18 MEANWELL-PLP-20-18 Datasheet
872Kb / 2P
   20W Single Output LED Power Supply
PLP-20-18 MEANWELL-PLP-20-18 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
PLP-20-18 MEANWELL-PLP-20-18 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
More results

Similar Description - PLP-20-18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
PLN-20_1108 MEANWELL-PLN-20_1108 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_12 Datasheet
185Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20 Datasheet
872Kb / 2P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_11 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com