Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV-100 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPV-100
Description  100W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPV-100 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPV-100 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPV-100 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
LPV-100-5
LPV-100-12
LPV-100-15
LPV-100-24
LPV-100-36
LPV-100-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
5V
12V
15V
24V
36V
48V
12A
8.5A
6.7A
4.2A
2.8A
2.1A
0~12A
0~8.5A
0~6.7A
0~4.2A
0~2.8A
0~2.1A
60W
102W
100.5W
100.8W
100.8W
100.8W
80mVp-p
120mVp-p
120mVp-p
150mVp-p
150mVp-p
150mVp-p
±
8.0%
±
1.0%
±
6.0%
90~264VAC
127~370VDC
47~63Hz
80%
85%
±
2.0%
±
5.0%
87%
88%
88%
89%
5.75~6.75V
13.8~16.2V
17.25~20.25V
27.6~32.4V
41.4~48.6V
55.2~64.8V
2.2A/115VAC1.2A/230VAC
COLDSTART 30A/115VAC75A/230VAC
0.25mA /240VAC
110~150%ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2Class A( 80%load),EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN55024,lightindustrylevel,criteria A
-25~+70
(
)
Referto"DeratingCurve"
20~90%RH non-condensing
-40~+80
,10~95%RH
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
IP67approved;Designreferto TUVEN60950-1,EN61347-2-13
703Khrsmin.MIL-HDBK-217F(25
)
190*52*37mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. In the European market this product is only suitable for LED lighting applications that don t have to comply with the harmonic current requirements of
EN61000-3-2 Class C.
8. Suitable for indoor use or outdoor use without direct sunlight exposure.
0.63Kg;20pcs/13.6Kg/0.51CUFT
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
100WSingleOutputSwitchingPowerSupply
Features :
L P V- 1 0 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
FileName:LPV-100-SPEC2011-07-08
Constant voltage design
Universal AC input / Full range
Fully encapsulated with IP67 level (Note.8)
Withstand 300VAC surge input for 5 seconds
Protections: Short circuit / Over current / Over voltage
Fully isolated plastic case
Cooling by free air convection
100% full load burn-in test
Low cost, high reliability
Suitable for LED lighting and moving sign applications(Note 7.)
2 years warranty
50ms/230VAC14ms/115VACatfullload
2000ms,25ms/230VAC2000ms,25ms/115VAC
IP67
±
0.03%/
(0~50
)
EMCIMMUNITY
EMCEMISSION


Similar Part No. - LPV-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100-12 MEANWELL-LPV-100-12 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100-12 MEANWELL-LPV-100-12 Datasheet
1,006Kb / 2P
   100W Single Output Switching Power Supply
LPV-100-15 MEANWELL-LPV-100-15 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100-15 MEANWELL-LPV-100-15 Datasheet
1,006Kb / 2P
   100W Single Output Switching Power Supply
More results

Similar Description - LPV-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com