Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE68A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P4KE68A
Description  400 Watts Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4KE68A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P4KE68A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4KE68A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4KE68A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4KE68A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
@ VWM
Current
@ IPPM
Coefficient
IT
VWM
ID
IPPM
Vc
of VBR
(V)
(mA)
(V)
(uA)
(A)
(V)
(%/℃)
Min
Max
(Note 2)
P4KE100
100
90
110
1
81.0
1
2.9
144
0.106
P4KE100A
100
95
105
1
85.5
1
3.0
137
0.106
P4KE110
110
99
121
1
89.2
1
2.6
158
0.107
P4KE110A
110
105
116
1
94.0
1
2.7
152
0.107
P4KE120
120
108
132
1
97.2
1
2.4
173
0.107
P4KE120A
120
114
126
1
102
1
2.5
165
0.107
P4KE130
130
117
143
1
105
1
2.2
187
0.107
P4KE130A
130
124
137
1
111
1
2.3
179
0.107
P4KE150
150
135
165
1
121
1
1.9
215
0.108
P4KE150A
150
143
158
1
128
1
2.0
207
0.108
P4KE160
160
144
176
1
130
1
1.8
230
0.108
P4KE160A
160
152
168
1
136
1
1.9
219
0.108
P4KE170
170
153
187
1
138
1
1.7
244
0.108
P4KE170A
170
162
179
1
145
1
1.8
234
0.108
P4KE180
180
162
198
1
146
1
1.6
258
0.108
P4KE180A
180
171
189
1
154
1
1.7
246
0.108
P4KE200
200
180
220
1
162
1
1.4
287
0.108
P4KE200A
200
190
210
1
171
1
1.51
274
0.108
P4KE220
220
198
242
1
175
1
1.20
344
0.108
P4KE220A
220
209
231
1
185
1
1.30
328
0.108
P4KE250
250
225
275
1
202
1
1.10
360
0.110
P4KE250A
250
237
263
1
214
1
1.20
344
0.110
P4KE300
300
270
330
1
243
1
0.97
430
0.110
P4KE300A
300
285
315
1
256
1
1.00
414
0.110
P4KE350
350
315
385
1
284
1
0.83
504
0.110
P4KE350A
350
332
368
1
300
1
0.87
482
0.110
P4KE400
400
360
440
1
324
1
0.73
574
0.110
P4KE400A
400
380
420
1
342
1
0.76
548
0.110
P4KE440
440
396
484
1
356
1
0.66
631
0.110
P4KE440A
440
418
462.0
1
376
1
0.69
600
0.110
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the I D limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:F11
General
Part
Number
Nominal
Voltage
Breakdown Voltage
(Note 1)
VBR
(V)
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)


Similar Part No. - P4KE68A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE68A DIOTECH-P4KE68A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE68A PANJIT-P4KE68A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Digitron Semiconductors
P4KE68A DIGITRON-P4KE68A Datasheet
1Mb / 5P
   TRANISENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
P4KE68A SOCAY-P4KE68A Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Diotec Semiconductor
P4KE68A DIOTEC-P4KE68A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE68A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520A LUGUANG-P4KE520A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520 LUGUANG-P4KE520 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500 LUGUANG-P4KE500 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com