Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5252 Datasheet(PDF) 2 Page - Seme LAB

Part # 1N5252
Description  500mW ZENER VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5252 Datasheet(HTML) 2 Page - Seme LAB

  1N5252 Datasheet HTML 1Page - Seme LAB 1N5252 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5221-LCC3
TO
1N5281-LCC3
Semelab Ltd reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab Ltd. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7788 issue 3
Nominal
Zener
Voltage
Test
Current
Maximum Zener Impedance
(1)
Maximum Reverse
Leakage Current
Maximum Zener
Voltage
Coefficient
(2)
VZ @ IZT
IZT
ZZT @ IZK
ZZT @ IZK = 250µA
IR
@
VR
VZ
V
mA
µA
V
%/°C
P/N
A & B
A
B,C & D
A & B
1N5236
7.5
20
6.0
500
3.0
5.7
6.0
+0.058
1N5237
8.2
20
8.0
500
3.0
6.2
6.5
+0.062
1N5238
8.7
20
8.0
600
3.0
6.2
6.5
+0.065
1N5239
9.1
20
10
600
3.0
6.7
7.0
+0.068
1N5240
10
20
17
600
3.0
7.6
8.0
+0.075
1N5241
11
20
22
600
2.0
8
8.4
+0.076
1N5242
12
20
30
600
1.0
8.7
9.1
+0.077
1N5243
13
9.5
13
600
0.5
9.4
9.9
+0.079
1N5244
14
9.0
15
600
0.1
9.5
10
+0.082
1N5245
15
8.5
16
600
0.1
10.5
11
+0.082
1N5246
16
7.8
17
600
0.1
11.4
12
+0.083
1N5247
17
7.4
19
600
0.1
12.4
13
+0.084
1N5248
18
7.0
21
600
0.1
13.3
14
+0.085
1N5249
19
6.6
23
600
0.1
13.3
14
+0.086
1N5250
20
6.2
25
600
0.1
14.3
15
+0.086
1N5251
22
5.6
29
600
0.1
16.2
17
+0.087
1N5252
24
5.2
33
600
0.1
17.1
18
+0.088
1N5253
25
5.0
35
600
0.1
18.1
19
+0.089
1N5254
27
4.6
41
600
0.1
20
21
+0.090
1N5255
28
4.5
44
600
0.1
20
21
+0.091
1N5256
30
4.2
49
600
0.1
22
23
+0.091
1N5257
33
3.8
58
700
0.1
24
25
+0.092
1N5258
36
3.4
70
700
0.1
26
27
+0.093
1N5259
39
3.2
80
800
0.1
29
30
+0.094
1N5260
43
3.0
93
900
0.1
31
33
+0.095
1N5261
47
2.7
105
1000
0.1
34
36
+0.095
1N5262
51
2.5
125
1100
0.1
37
39
+0.096
1N5263
56
2.2
150
1300
0.1
41
43
+0.096
1N5264
60
2.1
170
1400
0.1
44
46
+0.097
1N5265
62
2.0
185
1400
0.1
45
47
+0.097
1N5266
68
1.8
230
1600
0.1
49
52
+0.097
1N5267
75
1.7
270
1700
0.1
53
56
+0.098
1N5268
82
1.5
330
2000
0.1
59
62
+0.098
1N5269
87
1.4
370
2200
0.1
65
68
+0.099
1N5270
91
1.4
400
2300
0.1
66
69
+0.099
1N5271
100
1.3
500
2600
0.1
72
76
+0.110
1N5272
110
1.1
750
3000
0.1
80
84
+0.110
1N5273
120
1.0
900
4000
0.1
86
91
+0.110
1N5274
130
0.95
1100
4500
0.1
94
99
+0.110
1N5275
140
0.90
1300
4500
0.1
101
106
+0.110
1N5276
150
0.85
1500
5000
0.1
108
114
+0.110
1N5277
160
0.80
1700
5500
0.1
116
122
+0.110
1N5278
170
0.74
1900
5500
0.1
123
129
+0.110
1N5279
180
0.68
2200
6000
0.1
130
137
+0.110
1N5280
190
0.66
2400
6500
0.1
137
144
+0.110
1N5281
200
0.65
2500
7000
0.1
144
152
+0.110
Notes:
1)
Zener Impedance is measured to ensure a sharp knee characteristic on the breakdown curve. Derived from 50Hz ac voltage from ac current of 10% rms of I
ZT
(or I
ZK
) superimposed on DC I
ZT
(or I
ZK
)
2)
Temperature Coefficient test conditions:
a. I
ZT
= 7.5mA , T
1
= 25°C, T
2
= 125°C (1N5221A, B through to 1N5242A, B)
b. I
ZT
= 7.5mA , T
1
= 25°C, T
2
= 125°C (1N5243A, B through to 1N5281A, B)
DUT temperature stabilised with constant current for V
Z
measurement @ T
1
,T
2


Similar Part No. - 1N5252

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5252 SURGE-1N5252 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5252 DAYA-1N5252 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
First Silicon Co., Ltd
1N5252 FS-1N5252 Datasheet
766Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Seme LAB
1N5252 SEME-LAB-1N5252 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5252 MCC-1N5252 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - 1N5252

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6309 SENSITRON-1N6309 Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
   ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com