Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2904 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2904
Description  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2904 Datasheet(HTML) 2 Page - Seme LAB

  2N2904 Datasheet HTML 1Page - Seme LAB 2N2904 Datasheet HTML 2Page - Seme LAB 2N2904 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR EPITAXIAL
PNP TRANSISTOR
2N2904
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 3062
Issue 3
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -10mA
IB = 0
-40
V(BR)CBO
Collector-Base
Breakdown Voltage
IC = -10µA
IE = 0
-60
V(BR)EBO
Emitter-Base Breakdown
Voltage
IE = -10µA
IC = 0
-5
V
ICEX
Collector Cut-Off Current
VCE = -30V
VBE = -0.5V
-50
nA
VCB = -50V
IE = 0
-0.02
ICBO
Collector Cut-Off Current
TA = 150°C
-20
µA
IC = -150mA
IB = -15mA
-0.4
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -500mA
IB = -50mA
-1.6
IC = -150mA
IB = -15mA
-1.3
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = -500mA
IB = -50mA
-2.6
V
IC = -0.1mA
VCE = -10V
20
IC = -1.0mA
VCE = -10V
25
IC = -10mA
VCE = -10V
35
IC = -150mA
VCE = -10V
40
120
hFE
(1)
Forward-current transfer
ratio
IC = -500mA
VCE = -10V
20
DYNAMIC CHARACTERISTICS
IC = -50mA
VCE = -20V
fT
Transition Frequency
f = 100MHz
170
MHz
VCB = -10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
8
VEB = -2V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
30
pF
IC = -150mA
VCC = -30V
ton
Turn-On Time
IB1 = -15mA
45
IC = -150mA
VCC = -30V
toff
Turn-Off Time
IB1 = - IB2 = -15mA
300
ns
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%


Similar Part No. - 2N2904

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2904 SEME-LAB-2N2904 Datasheet
18Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR
logo
Semicoa Semiconductor
2N2904 SEMICOA-2N2904 Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
logo
Microsemi Corporation
2N2904 MICROSEMI-2N2904 Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
logo
Raytheon Company
2N2904 RAYTHEON-2N2904 Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
More results

Similar Description - 2N2904

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com