Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQ080T5GG01 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LQ080T5GG01
Description  Color TFT-LCD Module(Car Navigation)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ080T5GG01 Datasheet(HTML) 1 Page - Sharp Corporation

  LQ080T5GG01 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
New Product
Color TFT-LCD Module
LQ080T5GG01
(Car Navigation)
Features
s 20 cm [8"] display size
s Wide screen (16 : 9)
s Wide temperature range
s Thin structure (8.0 mm)
(Topr: -30
°C to + 85°C Tstg: -30°C to +85 )
Specifications
Parameter
Unit
Parameter
Unit
Display size
20 [8]
cm [ "]
Backlight type
CCFT
-
No. of pixels
112 320
pixel
Brightness
400
cd/m2
Dot format (H x V)
480 x RGB x 234
dot
Power consumption
5.9
W
Dot pitch (H x V)
0.1225 x 0.424
mm
Outline dimensions (W x H x D) 193.3 x 116.5 x 8.8 (Max.)
mm
Active area (H x V)
176.4 x 99.2
mm
Weight
250
g
Input signal system
NTSC/PAL*1
-
Operating temperature
-30 to +85
°C
Input video signal
TFT Specific Analog RGB
-
Storage temperature
-30 to +85
°C
Viewing direction
6:00
-
*1...MBK-PAL system is adopted as PAL. LCD panel has 234 scanning lines, and displays a picture of 273 virtual scanning lines.
(Video-signals are deleted for certain intervals.)
8.0
8.8
193.3
Active Center
1440H x 234V DOT
(Stripe)
176.4
96.65
(16.5)
BR G
RG
30
Screen size(176.4 x 99.216)
=Assurance area of screen


Similar Part No. - LQ080T5GG01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
   TFT MODULE
More results

Similar Description - LQ080T5GG01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ049B5DG01 SHARP-LQ049B5DG01 Datasheet
113Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ050A5BS01 SHARP-LQ050A5BS01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ058T5DRQ1 SHARP-LQ058T5DRQ1 Datasheet
115Kb / 1P
   Color TFT-LCD Module (Car Navigation)
LQ058T5GG01 SHARP-LQ058T5GG01 Datasheet
111Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ7BW566 SHARP-LQ7BW566 Datasheet
117Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ5AW136 SHARP-LQ5AW136 Datasheet
115Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ6BW506 SHARP-LQ6BW506 Datasheet
118Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ070T5GG01 SHARP-LQ070T5GG01 Datasheet
113Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com