Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK33A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK33A
Description  3.0AMPS Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK33A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK33A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK33A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
Metal to silicon rectifier, majority carrier conduction
Guard-ring for transient protection
SK3XA = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SK
32A
SK
33A
SK
34A
SK
35A
SK
36A
SK
39A
SK
310A
SK
315A
SK
320A
Unit
VRRM
20
30
40
50
60
90
100
150
200
V
VRMS
14
21
28
35
42
63
70
105
140
V
VDC
20
30
40
50
60
90
100
150
200
V
IF(AV)
A
Cj
pF
TJ
OC
TSTG
OC
IFSM
VF
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
TA=125℃
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Weight: 0.07 gram
Type Number
Maximum Average Forward Rectified Current
OC/W
600
290
5.0
-
SK32A - SK320A
3.0AMPS Surface Mount Schottky Barrier Rectifiers
Marking Diagram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Epitaxial construction
Features
- 65 to + 150
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Case: SMA/DO-214AC
Polarity: Indicated by cathode band
Mechanical Data
High surge current capability, Low VF,
Easy pick and place
mA
70
0.55
0.75
0.85
0.95
0.5
0.5
V
A
28
88
IR
10
-
0.1
110
Version:I11
Note 2: Measure at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Typical Junction Capecitance (Note 2)
Note 1: Pulse Test with PW=300 usec, 1% Duty Cylcle
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
Typical Thermal Resistance
RθjL
RθjA
Maximum Instantaneous Forward Voltage (Note 1)
@ 3.0A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Packaging: 16mm tape per EIA STD RS-481
3.0
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
High temperature soldering guaranteed:
260℃/10s at terminals
Meet MSL level 1, per J-STD-020D
lead free, maximum peak of 260℃
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SK33A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK33A MCC-SK33A Datasheet
620Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Microsemi Corporation
SK33A MICROSEMI-SK33A Datasheet
272Kb / 4P
   Same Electrical Characteristics As The SMC Version
logo
Taiwan Semiconductor Co...
SK33A TSC-SK33A Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK33A SMC-SK33A Datasheet
194Kb / 6P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SK33A GOOD-ARK-SK33A Datasheet
151Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results

Similar Description - SK33A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_11 Datasheet
135Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SS32 TSC-SS32_11 Datasheet
134Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_11 Datasheet
204Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S32BF CHONGQING-S32BF Datasheet
181Kb / 2P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SS34L FORMOSA-SS34L Datasheet
418Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Chongqing Pingwei Enter...
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com