Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8.5A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ8.5A
Description  1500 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ8.5A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMCJ8.5A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ8.5A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ8.5A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ8.5A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ8.5A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test
Stand-Off
Maximum
Current
Voltage
Reverse Leakage
IT
VWM
@ VWM
Min
Max
(mA)
(V)
ID (uA)(Note3)
SMCJ5.0
GDD
6.4
7.3
10
5
1000
164
9.6
SMCJ5.0A
GDE
6.4
7
10
5
1000
171
9.2
SMCJ6.0
GDF
6.67
8.15
10
6
1000
138
11.4
SMCJ6.0A
GDG
6.67
7.37
10
6
1000
152
10.3
SMCJ6.5
GDH
7.22
8.82
10
6.5
500
128
12.3
SMCJ6.5A
GDK
7.22
7.98
10
6.5
500
140
11.2
SMCJ7.0
GDL
7.78
9.51
10
7
200
118
13.3
SMCJ7.0A
GDM
7.78
8.6
10
7
200
131
12.0
SMCJ7.5
GDN
8.33
10.30
1
7.5
100
110
14.3
SMCJ7.5A
GDP
8.33
9.21
1
7.5
100
122
12.9
SMCJ8.0
GDQ
8.89
10.9
1
8
50
105
15.0
SMCJ8.0A
GDR
8.89
9.83
1
8
50
115
13.6
SMCJ8.5
GDS
9.44
11.5
1
8.5
20
99
15.9
SMCJ8.5A
GDT
9.44
10.4
1
8.5
20
109
14.4
SMCJ9.0
GDU
10
12.2
1
9
10
93
16.9
SMCJ9.0A
GDV
10
11.1
1
9
10
102
15.4
SMCJ10
GDW
11.1
13.6
1
10
5
83
18.8
SMCJ10A
GDX
11.1
12.3
1
10
5
92
17.0
SMCJ11
GDY
12.2
14.9
1
11
5
78
20.1
SMCJ11A
GDZ
12.2
13.5
1
11
5
86
18.2
SMCJ12
GED
13.3
16.3
1
12
5
71
22.0
SMCJ12A
GEE
13.3
14.7
1
12
5
79
19.9
SMCJ13
GEF
14.4
17.6
1
13
5
66
23.8
SMCJ13A
GEG
14.4
15.9
1
13
5
73
21.5
SMCJ14
GEH
15.6
19.1
1
14
5
61
25.8
SMCJ14A
GEK
15.6
17.2
1
14
5
67
23.2
SMCJ15
GEL
16.7
20.4
1
15
5
58
26.9
SMCJ15A
GEM
16.7
18.5
1
15
5
64
24.4
SMCJ16
GEN
17.8
21.8
1
16
5
54
28.8
SMCJ16A
GEP
17.8
19.7
1
16
5
60
26.0
SMCJ17
GEQ
18.9
23.1
1
17
5
51
30.5
SMCJ17A
GER
18.9
20.9
1
17
5
57
27.6
SMCJ18
GES
20
24.4
1
18
5
48
32.2
SMCJ18A
GET
20
22.1
1
18
5
53
29.2
SMCJ20
GEU
22.2
27.1
1
20
5
43
35.8
SMCJ20A
GEV
22.2
24.5
1
20
5
48
32.4
SMCJ22
GEW
24.4
29.8
1
22
5
39
39.4
SMCJ22A
GEX
24.4
26.9
1
22
5
44
35.5
SMCJ24
GEY
26.7
32.6
1
24
5
36
43.0
SMCJ24A
GEZ
26.7
29.5
1
24
5
40
38.9
SMCJ26
GFD
28.9
35.3
1
26
5
33
46.6
SMCJ26A
GFE
28.9
31.9
1
26
5
37
42.1
SMCJ28
GFF
31.1
38
1
28
5
31
50.0
SMCJ28A
GFG
31.1
34.4
1
28
5
34
45.4
SMCJ30
GFH
33.3
40.7
1
30
5
29
53.5
SMCJ30A
GFK
33.3
36.8
1
30
5
32
48.4
SMCJ33
GFL
36.7
44.9
1
33
5
26
59.0
SMCJ33A
GFM
36.7
40.6
1
33
5
29
53.3
SMCJ36
GFN
40
48.9
1
36
5
24
64.3
SMCJ36A
GFP
40
44.2
1
36
5
27
58.1
SMCJ40
GFQ
44.4
54.3
1
40
5
22
71.4
SMCJ40A
GFR
44.4
49.1
1
40
5
24
64.5
SMCJ43
GFS
47.8
58.4
1
43
5
20
76.7
SMCJ43A
GFT
47.8
52.8
1
43
5
22
69.4
Version:G11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Breakdown Voltage
VBR (V)
at IT
Device
Device
Marking
Code
Maximum
Clamping
Voltage at IPPM
Vc(V)
Maximum
Peak Surge
Current
IPPM
(A)(Note2)


Similar Part No. - SMCJ8.5A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ8.5A DCCOM-SMCJ8.5A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ8.5A MICROSEMI-SMCJ8.5A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ8.5A YANGJIE-SMCJ8.5A Datasheet
198Kb / 5P
   Transient Voltage Suppressor Diodes
logo
HY ELECTRONIC CORP.
SMCJ8.5A HY-SMCJ8.5A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ8.5A FCI-SMCJ8.5A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMCJ8.5A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com