Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3767 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3767
Description  SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3767 Datasheet(HTML) 2 Page - Seme LAB

  2N3767_10 Datasheet HTML 1Page - Seme LAB 2N3767_10 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SILICON NPN TRANSISTOR
2N3767
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9157
Issue 1
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 100mA
IB = 0
80
V
ICEO
Collector-Emitter Cut off
Current
VCE = 80V
500
IEBO
Emitter-Base Cut-Off Current
VEB = 6.0V
IC = 0
500
VCE = 100V
VBE = -1.5V
10
µ
A
VCE = 70V
VBE = -1.5V
ICEX
Collector-Emitter Cut-Off
Current
TA = 150°C
1.0
mA
ICBO
Collector-Base Cut-Off Current
VCB = 100V
IE = 0
10
µ
A
VBE
(1)
Base-Emitter Voltage
VCE = 10V
IC = 1.0A
1.5
V
IC = 50mA
VCE = 5V
30
IC = 500mA
VCE = 5V
40
160
TA = -55°C
13
hFE
(1)
DC Current Gain
IC = 1.0A
VCE = 10V
20
IC = 500mA
IB = 50mA
1.0
VCE(sat)
(1)
Collector-Emitter
Saturation Voltage
IC = 1.0A
IB = 100mA
2.5
VBE(sat)
(1)
Base-Emitter
Saturation Voltage
IC = 1.0A
IB = 100mA
1.5
V
DYNAMIC CHARACTERISTICS
IC = 500mA
VCE = 10V
|hfe|
Magnitude of Small-Signal
Short-Circuit Current Gain
f = 10MHz
1.0
8.0
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
50
pF
ton
Turn On Time
VCC = 30V
IC = 500mA
0.25
toff
Turn Off Time
IB1 = 50mA
IB2 = - IB1
2.5
µ
s
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
MECHANICAL DATA
Dimensions in mm (inches)
TO66 (TO-213AA) METAL PACKAGE
Underside View
Underside View
Underside View
Underside View
PIN 1 - Base
PIN 2 - Emitter
Case - Collector
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


Similar Part No. - 2N3767_10

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3767SMD SEME-LAB-2N3767SMD Datasheet
23Kb / 2P
   NPN BIPOLAR TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE FOR HIGH REL APPLICATIONS
2N3767SMD05 SEME-LAB-2N3767SMD05 Datasheet
21Kb / 2P
   NPN BIPOLAR TRANSISTOR
More results

Similar Description - 2N3767_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com