Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ58A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMAJ58A
Description  400 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ58A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMAJ58A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ58A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ58A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ58A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ58A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Test
Maximum
Current
Reverse Leakage
IT
@ VWM
Min
Max
(mA)
ID (uA)
SMAJ45
CU
45
50
61.1
1.0
80.3
5.0
5.0
SMAJ45A
CV
45
50
55.3
1.0
72.7
5.5
5.0
SMAJ48
CW
48
53.3
65.1
1.0
85.5
4.7
5.0
SMAJ48A
CX
48
53.3
58.9
1.0
77.4
5.2
5.0
SMAJ51
CY
51
56.7
69.3
1.0
91.1
4.4
5.0
SMAJ51A
CZ
51
56.7
62.7
1.0
82.4
4.9
5.0
SMAJ54
RD
54
60
73.3
1.0
96.3
4.2
5.0
SMAJ54A
RE
54
60
66.3
1.0
87.1
4.6
5.0
SMAJ58
RF
58
64.4
78.7
1.0
103
3.9
5.0
SMAJ58A
RG
58
64.4
71.2
1.0
93.6
4.3
5.0
SMAJ60
RH
60
66.7
81.5
1.0
107
3.7
5.0
SMAJ60A
RK
60
66.7
73.7
1.0
96.8
4.1
5.0
SMAJ64
RL
64
71.1
86.9
1.0
114
3.5
5.0
SMAJ64A
RM
64
71.1
78.6
1.0
103
3.9
5.0
SMAJ70
RN
70
77.8
95.1
1.0
125
3.2
5.0
SMAJ70A
RP
70
77.8
86
1.0
113
3.5
5.0
SMAJ75
RQ
75
83.3
102
1.0
134
3.0
5.0
SMAJ75A
RR
75
83.3
92.1
1.0
121
3.3
5.0
SMAJ78
RS
78
86.7
106
1.0
139
2.9
5.0
SMAJ78A
RT
78
86.7
95.8
1.0
126
3.2
5.0
SMAJ85
RU
85
94.4
115
1.0
151
2
5.0
SMAJ85A
RV
85
94.4
104
1.0
137
2.2
5.0
SMAJ90
RW
90
100
122
1.0
160
1.9
5.0
SMAJ90A
RX
90
100
111
1.0
146
2.1
5.0
SMAJ100
RY
100
111
136
1.0
179
1.7
5.0
SMAJ100A
RZ
100
111
123
1.0
162
1.9
5.0
SMAJ110
SD
110
122
149
1.0
196
1.6
5.0
SMAJ110A
SE
110
122
135
1.0
177
1.7
5.0
SMAJ120
SF
120
133
163
1.0
214
1.4
5.0
SMAJ120A
SG
120
133
147
1.0
193
1.6
5.0
SMAJ130
SH
130
144
176
1.0
231
1.3
5.0
SMAJ130A
SK
130
144
159
1.0
209
1.5
5.0
SMAJ150
SL
150
167
204
1.0
266
1.1
5.0
SMAJ150A
SM
150
167
185
1.0
243
1.3
5.0
SMAJ160
SN
160
178
218
1.0
287
1
5.0
SMAJ160A
SP
160
178
197
1.0
259
1.2
5.0
SMAJ170
SQ
170
189
231
1.0
304
1
5.0
SMAJ170A
SR
170
189
209
1.0
275
1.1
5.0
SMAJ188
ST
188
209
255
1.0
344
0.9
5.0
SMAJ188A
SS
188
209
231
1.0
328
0.91
5.0
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above T A=25℃ per Fig. 2
2. Mounted on 5 x 5mm copper pads to each terminal
3. Lead temperature at T L=75℃
4. Measure on 8.3ms single half sine-wave duty cycle=4 pulses per minutes maximum
5. Peak pulse power waveform is 10/1000 us
6. For Bi-Directional devices having V R of 10 volts and under, the I R limit is double.
Version:F11
Maximum
Clamping
Voltage at IPPM
Vc(V)
(Note5)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(Note5)
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
at IT
Working
Peak
Reverse
Voltage
VWM


Similar Part No. - SMAJ58A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ58A JGD-SMAJ58A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ58A SOCAY-SMAJ58A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
WeEn Semiconductors
SMAJ58A WEEN-SMAJ58A Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
MERITEK ELECTRONICS COR...
SMAJ58A MERITEK-SMAJ58A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Surge Components
SMAJ58A SURGE-SMAJ58A Datasheet
703Kb / 4P
   Surface mount Transient Voltage Suppressors
More results

Similar Description - SMAJ58A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com