Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3810DCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3810DCSM
Description  SILICON DUAL MATCHED PNP TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3810DCSM Datasheet(HTML) 1 Page - Seme LAB

  2N3810DCSM_09 Datasheet HTML 1Page - Seme LAB 2N3810DCSM_09 Datasheet HTML 2Page - Seme LAB 2N3810DCSM_09 Datasheet HTML 3Page - Seme LAB 2N3810DCSM_09 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON DUAL MATCHED
PNP TRANSISTORS
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 2873
Issue 2
Page 1 of 4
2N3810DCSM
Matched Dual Transistor.
Dual Ceramic Hermetic Package
Suitable For High Gain, Low Noise, Differential Amplifier,
Applications.
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
Each Side
Total Device
VCBO
Collector – Base Voltage
-60V
VCEO
Collector – Emitter Voltage
-60V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-50mA
PD
Total Power Dissipation at
TA = 25°C
500mW
600mW
(1)
Derate Above 25°C
2.86mW/°C
3.43mW/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES (Each Side)
Symbols
Parameters
Min.
1Typ.
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
350
°C/W
Notes
Notes
Notes
Notes
(1)
Total device power dissipation limited by package.


Similar Part No. - 2N3810DCSM_09

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM Datasheet
30Kb / 4P
   DUAL HIGH GAIN PNP TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
More results

Similar Description - 2N3810DCSM_09

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Central Semiconductor C...
CMLT5087EM CENTRAL-CMLT5087EM Datasheet
751Kb / 2P
   SURFACE MOUNT DUAL, MATCHED PNP SILICON TRANSISTORS
logo
Seme LAB
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
NXP Semiconductors
BCM857BV PHILIPS-BCM857BV_15 Datasheet
135Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM856BS NEXPERIA-BCM856BS Datasheet
647Kb / 14P
   PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
logo
NXP Semiconductors
BCM857BV NXP-BCM857BV Datasheet
123Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM857BV NEXPERIA-BCM857BV Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
PMP5501G NEXPERIA-PMP5501G Datasheet
118Kb / 14P
   PNP/PNP matched double transistors
Rev. 03 - 28 August 2009
logo
NXP Semiconductors
PMP5501V NXP-PMP5501V Datasheet
119Kb / 14P
   PNP/PNP matched double transistors
Rev. 03-28 August 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com