Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6258 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6258
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Back Button MS6258_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 10Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
6
www.mosanalog.com
I
2C BUS DESCRIPTION
Start and stop conditions
A start condition is activated when the SCL is set to HIGH and SDA shifts from HIGH to LOW state. The stop
condition is activated when SCL is set to HIGH and SDA shifts from LOW to HIGH state. Please refer to the timing
diagram below.
SDA
SCL
Start
Stop
SCL : Serial Clock Line, SDA : Serial Data Line
Data validity
A data on the SDA line is considered valid and stable only when the SCL signal is in HIGH state. The HIGH and
LOW states of the SDA line can only change when the SCL signal is LOW. Please refer to the figure below.
SDA
SCL
Data line
stable,
Data valid
Data
change
allowed
Byte format
Every byte transmitted to the SDA line consists of 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transmitted first.
Acknowledge
During the Acknowledge clock pulse, the master (up) put a resistive HIGH level on the SDA line. The peripheral
(audio processor) that acknowledges has to pull-down (LOW) the SDA line during the Acknowledge clock pulse so that
the SDA line is in a stable LOW state during this clock pulse. Please refer to the diagram below.
SCL
SDA
MSB
Acknowledge
12
3
7
8
9
Start
The audio processor that has been addressed has to generate an Acknowledge after receiving each byte, otherwise,
the SDA line will remain at the HIGH level during the ninth (9
th) clock pulse. In this case, the master transmitter can
generate the STOP information in order to abort the transfer.


Similar Part No. - MS6258_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6258GTR MOSA-MS6258GTR Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258GU MOSA-MS6258GU Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSGTR MOSA-MS6258SSGTR Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSGU MOSA-MS6258SSGU Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSTR MOSA-MS6258SSTR Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
More results

Similar Description - MS6258_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
   6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
   3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com