Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAS2090 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS2090
Description  20.0AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS2090 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAS2090 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS2090 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File #E-326854
For surface mounted application
Ideal for automated pick & place
Low power loss, high efficiency
High current capability, low VF
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
SRAS20XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SRAS
2020
SRAS
2030
SRAS
2040
SRAS
2050
SRAS
2060
SRAS
2090
SRAS
20100
SRAS
20150
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
1.02
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Type Number
Green compound with suffix "G" on packing
code & prefix "G" on datecode
10
Note 3: Mounted on Heatsink Size of 2" x 3" x 0.25" Al-Plate
-
5
-
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
Weight: 1.70 grams
Epoxy: UL 94V-0 rate flame retardant
Note 2: Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Version:H11
0.57
0.70
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case
Features
High reliabbility
Case: D
2PAK molded plastic
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Maximum Instantaneous Forward Voltage (Note 1)
@ 20A
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
SRAS2020 - SRAS20150
20.0AMPS. Surface Mount Schottky Barrier Rectifiers
Marking Diagram
D
2PAK
Dimensions in inches and (millimeters)
Typical Junction Capacitance (Note 2)
1400
- 65 to + 150
Typical Thermal Resistance (Note 3)
1.5
20
VF
- 65 to + 150
IR
0.92
A
0.5
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
330
mA
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=100℃
T A=125 ℃
V
0.1
15
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SRAS2090

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS2090 TSC-SRAS2090 Datasheet
163Kb / 2P
   20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS2090 TSC-SRAS2090 Datasheet
214Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRAS2090

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2035CT TSC-MBRS2035CT_11 Datasheet
154Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS20H100CT TSC-MBRS20H100CT_13 Datasheet
257Kb / 4P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_13 Datasheet
259Kb / 4P
   20.0AMPS Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_11 Datasheet
127Kb / 2P
   20.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS20H100CT TSC-MBRS20H100CT_11 Datasheet
148Kb / 2P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_11 Datasheet
194Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR2035CT GXELECTRONICS-MBR2035CT Datasheet
881Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR2020 TSC-SR2020_11 Datasheet
188Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
MBRI20100CT TSC-MBRI20100CT Datasheet
142Kb / 2P
   20.0Amps Surface Mount Schottky Barrier Rectifier
SRF2020 TSC-SRF2020_11 Datasheet
190Kb / 2P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com