Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ170A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ170A
Description  1500 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ170A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMCJ170A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ170A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ170A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ170A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ170A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Test
Stand-Off
Maximum
Current
Voltage
Reverse Leakage
IT
VWM
@ VWM
Min
Max
(mA)
(V)
ID (uA)
SMCJ45
GFU
50
61.1
1
45
5
19
80.3
SMCJ45A
GFV
50
55.3
1
45
5
21
72.7
SMCJ48
GFW
53.3
65.1
1
48
5
18
85.5
SMCJ48A
GFX
53.3
58.9
1
48
5
20
77.4
SMCJ51
GFY
56.7
69.3
1
51
5
17
91.1
SMCJ51A
GFZ
56.7
62.7
1
51
5
19
82.4
SMCJ54
GGD
60
73.3
1
54
5
16
96.3
SMCJ54A
GGE
60
66.3
1
54
5
18
87.1
SMCJ58
GGF
64.4
78.7
1
58
5
15
103
SMCJ58A
GGG
64.4
71.2
1
58
5
16
93.6
SMCJ60
GGH
66.7
81.5
1
60
5
14
107
SMCJ60A
GGK
66.7
73.7
1
60
5
16
96.8
SMCJ64
GGL
71.1
86.9
1
64
5
13.8
114
SMCJ64A
GGM
71.1
78.6
1
64
5
15
103
SMCJ70
GGN
77.8
95.1
1
70
5
12.6
125
SMCJ70A
GGP
77.8
86
1
70
5
13.9
113
SMCJ75
GGQ
83.3
102
1
75
5
11.7
134
SMCJ75A
GGR
83.3
92.1
1
75
5
13
121
SMCJ78
GGS
86.7
106
1
78
5
11.3
139
SMCJ78A
GGT
86.7
95.8
1
78
5
12.5
126
SMCJ85
GGU
94.4
115
1
85
5
10.4
151
SMCJ85A
GGV
94.4
104
1
85
5
11.5
137
SMCJ90
GGW
100
122
1
90
5
9.8
160
SMCJ90A
GGX
100
111
1
90
5
10.7
146
SMCJ100
GGY
111
136
1
100
5
8.8
179
SMCJ100A
GGZ
111
123
1
100
5
9.7
162
SMCJ110
GHD
122
149
1
110
5
8
196
SMCJ110A
GHE
122
135
1
110
5
8.9
177
SMCJ120
GHF
133
163
1
120
5
7.3
214
SMCJ120A
GHG
133
147
1
120
5
8.1
193
SMCJ130
GHH
144
176
1
130
5
6.8
231
SMCJ130A
GHK
144
159
1
130
5
7.5
209
SMCJ150
GHL
167
204
1
150
5
5.8
266
SMCJ150A
GHM
167
185
1
150
5
6.4
243
SMCJ160
GHN
178
218
1
160
5
5.4
287
SMCJ160A
GHP
178
197
1
160
5
6
259
SMCJ170
GHQ
189
231
1
170
5
5.1
304
SMCJ170A
GHR
189
209
1
170
5
5.7
275
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and less, the ID limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:G11
Maximum
Clamping
Voltage at IPPM
Vc(V)
(Note5)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(Note5)
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
at IT


Similar Part No. - SMCJ170A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ170A DCCOM-SMCJ170A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ170A VISHAY-SMCJ170A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
logo
Diodes Incorporated
SMCJ170A DIODES-SMCJ170A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
logo
DAESAN ELECTRONIC CORP.
SMCJ170A DAESAN-SMCJ170A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ170A TSC-SMCJ170A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ170A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com