Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS1060 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRS1060
Description  10.0AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRS1060 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRS1060 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRS1060 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File #E-326854
For surface mounted application
Ideal for automated pick & place
Low power loss, high efficiency
High current capability, Low VF
Epitaxial construction
SRS10XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SRS
1020
SRS
1030
SRS
1040
SRS
1050
SRS
1060
SRS
1090
SRS
10100
SRS
10150
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
V
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load
IFSM
120
A
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Instantaneous Forward Voltage (Note 1)
@ 5.0A
VF
0.55
Mechanical Data
Features
High reliability
Case: D
2PAK molded plastic
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Guard-ring for transient protection
Weight: 1.35 grams
Typical Thermal Resistance
Type Number
Maximum Average Forward Rectified Current
Maximum DC Blocking Voltage
10
0.70
SRS1020 - SRS10150
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
Marking Diagram
D
2PAK
Dimensions in inches and (millimeters)
Note 2: Measure at 1MHz and Appliced Reverse Voltage of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
15
10
Version:G11
5
mA
0.1
0.5
0.90
1.00
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds at terminals
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, leads soldweable per
MIL-STD-202, Method 208 guaranteed
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
-
-
- 65 to + 125
- 65 to + 150
IR
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
TA=125℃
2
Typical Junction Capacitance (Note 2)
400
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SRS1060

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1060 TSC-SRS1060 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRS1060 TSC-SRS1060 Datasheet
161Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SRS1060 HORNBY-SRS1060 Datasheet
312Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SRS1060CT HORNBY-SRS1060CT Datasheet
289Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRS1060

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1035 TSC-MBRS1035_11 Datasheet
136Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_13 Datasheet
257Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020_13 Datasheet
255Kb / 4P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_11 Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_11 Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_13 Datasheet
258Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR1035CT GXELECTRONICS-MBR1035CT Datasheet
805Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
   10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com