Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6323TGU Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6323TGU
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6323TGU Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6323TGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6323TGU Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV 7
8/11
www.mosanalog.com
APPLICATION INFORMATION
MP3 digital to analog converting solution
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6323
100uF
MS6308
68pF
39k
22k
22k
1nF
15k
1.2nF
1uF
100k
1uF
100k
10Ω
Supply
V
REF
10uF
0.1uF
1uF
f
-3dB = 17.5kHz
DC
gain = 1.05
V
DAC out p-p = 1.65V
V
out p-p = 1.75V
For V
DD = 3.3V
Headphone
(32Ω)
Fig.4
A third order lowpass filter ( Smoothing filter ) for DAC output.
0.1uF
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6323
1
2
3
45
6
7
8
47uF
MS6308
1
2
3
DAC
Headphone Driver
22k
450pF
50k
50k
10uF
V
RE
F
20k
20k
20k
470pF
0.1uF
7
5
6
47uF
1uF
1.65V
PP
1.65V
PP
Headphone
(32Ω)
PHONE JACK
AV
DD
10Ω
Supply
47uF
0.1uF
3.3V
Fig.5
A first order lowpass filter for DAC output.


Similar Part No. - MS6323TGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6323TGU MOSA-MS6323TGU Datasheet
231Kb / 9P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
More results

Similar Description - MS6323TGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6324 MOSA-MS6324_26 Datasheet
603Kb / 13P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6323 MOSA-MS6323 Datasheet
231Kb / 9P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6313 MOSA-MS6313_1 Datasheet
494Kb / 8P
   16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6324 MOSA-MS6324 Datasheet
603Kb / 13P
   16-Bits Stereo Audio DAC Low Power Consumption
MS6610 MOSA-MS6610_1 Datasheet
260Kb / 7P
   16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
   16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
   16-Bits Stereo Audio DAC
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com