Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5154N2A Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5154N2A
Description  SILICON EPITAXIAL NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5154N2A Datasheet(HTML) 2 Page - Seme LAB

  2N5154N2A Datasheet HTML 1Page - Seme LAB 2N5154N2A Datasheet HTML 2Page - Seme LAB 2N5154N2A Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
2N5154N2A
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9081
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(2)
Collector-Emitter
Breakdown Voltage
IC = 10mA
80
V
VCE = 60V
VBE = 0
1.0
µA
ICES
Collector Cut-Off Current
VCE = 100V
VBE = 0
1.0
mA
VCE = 60V
VBE = -2V
ICEX
Collector Cut-Off Current
TC = 150°C
25
ICEO
Collector Cut-Off Current
VCE = 60V
IB = 0
50
VEB = 4V
IC = 0
1.0
µA
IEBO
Emitter Cut-Off Current
VEB = 5.5V
IC = 0
1.0
mA
IC = 50mA
VCE = 5V
50
IC = 2.5A
VCE = 5V
70
200
TC = -55°C
25
hFE
(2)
Forward-current transfer
ratio
IC = 5A
VCE = 5V
40
-
VBE
(2)
Base-Emitter Voltage
IC = 2.5 A
VCE = 5V
1.45
IC = 2.5A
IB = 250mA
1.45
VBE(sat)
(2)
Collector-Emitter Saturation
Voltage
IC = 5A
IB = 500mA
2.2
IC = 2.5A
IB = 250mA
0.75
VCE(sat)
(2)
Base-Emitter Saturation
Voltage
IC = 5A
IB = 500mA
1.5
V
DYNAMIC CHARACTERISTICS
IC = 500mA
VCE = 5V
 hfe
Magnitude of common-
emitter, small-signal short-
circuit, forward-current
transfer ratio
f = 20MHz
1.2
-
IC = 100mA
VCE = 5V
hfe
Small-Signal Current Gain
f = 1.0 KHz
50
-
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
250
pF
ton
Turn-On Time
VCC = 30V
IC = 5A
0.5
ts
Storage Time
IB1 = 500mA
IB2 = - IB1
1.4
tf
Fall Time
RL = 6Ω
0.5
toff
Turn-Off Time
1.5
µS
Notes
Notes
Notes
Notes
(2)
Pulse Width ≤ 300us, δ ≤ 2%


Similar Part No. - 2N5154N2A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5154N2A SEME-LAB-2N5154N2A Datasheet
286Kb / 3P
   SILICON EPITAXIAL NPN TRANSISTOR
More results

Similar Description - 2N5154N2A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com