Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESDD5V0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TESDD5V0
Description  Bi-directional ESD Protection Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDD5V0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TESDD5V0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDD5V0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDD5V0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TESDD5V0
Bi-directional ESD Protection Diode
Small Signal Diode
Rating and Characteristic Curves
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration (us)
FIG 2 Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
td=Ipp/2
Ambient Tempeatature (
oC)
Reverse Voltage (V)
0
5
10
15
20
25
01
234
56
FIG 5 Clamping Voltage vs. Peak Pulse Current)
Peak Pulse Current (A)
Waveform Parameters:
tr = 8μs, td = 20μs
FIG 1 Non-Repetitive Peak Pulse Power vs. Pulse Time
Waveform Parameters:
tr = 8μs, td = 20μs
FIG 4 Typical Junction Capacitance
0
5
10
15
01
23
45
FIG 3 Admissible Power Dissipation Curve
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
f = 1.0MHz
1000
e
-1
Version :
C11


Similar Part No. - TESDD5V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDD5V0 TSC-TESDD5V0 Datasheet
193Kb / 4P
   Bi-directional ESD Protection Diode
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
   Bi-directional ESD Protection Diode
TESDD5V0HC TSC-TESDD5V0HC Datasheet
197Kb / 4P
   Bi-directional ESD Protection Diode
TESDD5V0HCRKG TSC-TESDD5V0HCRKG Datasheet
197Kb / 4P
   Bi-directional ESD Protection Diode
TESDD5V0HC TSC-TESDD5V0HC_15 Datasheet
197Kb / 4P
   Bi-directional ESD Protection Diode
More results

Similar Description - TESDD5V0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
   Bi-directional ESD Protection Diode
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
   Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD05LCTM-AU PANJIT-PJSD05LCTM-AU Datasheet
179Kb / 5P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
   Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
   Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
   Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
   Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
   Bi-directional ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com