Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6661 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6661
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6661 Datasheet(HTML) 2 Page - Seme LAB

  2N6661 Datasheet HTML 1Page - Seme LAB 2N6661 Datasheet HTML 2Page - Seme LAB 2N6661 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-CHANNEL ENHANCEMENT
MODE POWER MOSFET
2N6661
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 3092
Issue 5
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0
ID = 1.0µA
90
V
VDS = VGS
ID = 1.0mA
0.8
2.0
TC = 125°C
0.3
VGS(th)
Gate Threshold Voltage
TC = -55°C
2.5
V
VGS = ±20V
VDS = 0V
±100
IGSS
Gate-Source Leakage Current
TC = 125°C
±500
nA
VDS = 72V
VGS = 0
1.0
IDSS
Zero Gate Voltage
Drain Current
TC = 125°C
100
µA
ID(ON)(2)
On-State Drain Current
VDS = 10V
VGS = 10V
1.5
A
VGS = 5V
ID = 0.3A
5.3
VGS = 10V
ID = 1.0A
4.0
RDS(on)
(2)
Static Drain-Source
On-State Resistance
TC = 125°C
7.5
VGS = 5V
ID = 0.3A
1.6
VGS = 10V
ID = 1.0A
4.0
VDS(on)
(2)
Static Drain-Source
On-State Voltage
TC = 125°C
7.5
V
gfs
(2)
Forward Transconductance
VDS = 7.5V
ID = 0.475A
170
VSD
(2)
Body Diode Forward Voltage
VGS = 0
IS = 0.86A
0.7
1.4
V
trr
(2)
Body Diode Reverse Recovery
VGS = 0
IS = 1.0A
350
ns
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0
50
Coss
Output Capacitance
VDS = 25V
40
Crss
Reverse Transfer Capacitance
f = 1.0MHz
10
pF
td(on)
Turn-On Delay Time
VDD = 25V
10
td(off)
Turn-Off Delay Time
ID = 1.0A
RG = 50Ω
10
ns


Similar Part No. - 2N6661

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
2N6661 SUTEX-2N6661 Datasheet
21Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Seme LAB
2N6661 SEME-LAB-2N6661 Datasheet
17Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Motorola, Inc
2N6661 MOTOROLA-2N6661 Datasheet
441Kb / 3P
   TMOS SWITCHING FET TRANSISTORS
logo
Vishay Siliconix
2N6661 VISHAY-2N6661 Datasheet
46Kb / 4P
   N-Channel 80-V and 90-V (D-S) MOSFETS
Rev. C, 16-Jul-01
logo
Supertex, Inc
2N6661 SUTEX-2N6661 Datasheet
395Kb / 3P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - 2N6661

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com