Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS317CWRP Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS317CWRP
Description  3-Terminal Adjustable Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317CWRP Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS317CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS317CWRP Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TS317
3-Terminal Adjustable Positive Voltage Regulator
6/14
Version: D07
Application information
Basic Circuit Operation
The TS317 is a 3-terminal floating regulator. In operation, the TS317 develops and maintains a nominal 1.25V reference (Vref)
between its output and adjustment terminals. This reference voltage is converted to a programming current (Iprog.) by R1 (see
Figure 17), and this constant current flows through R2 to ground. The regulated output voltage is given by:
Vout = Vref ( 1 + R2 / R1 ) + Iadj * R2
Since the current from the adjustment terminal (Iadj) represents an error term in the equation, the TS317 was designed to control
Iadj to less than 100uA and keep it constant. To do this, all quiescent operating current is returned to the output terminal. This
imposes the requirement for a minimum load current. If the load current is less than this minimum, the output voltage will rise.
Since the TS317 is a floating regulator, it is only the voltage differential across the circuit which is important to performance, and
operation at high voltages with respect to ground is possible.
Figure 17. Basic Circuit Configuration
Figure 18. Voltage Regulator with Protection Diode
Protection Diode
When external capacitors are used with any I.C. regulator it is sometimes necessary to add protection diodes to prevent the
capacitors from discharging through low current points into the regulator.
Figure 18 shows the TS317 with the recommended protection diodes for output voltages in excess of 25 V or high capacitance
values (Co > 25uF, Cadj > 10uF). Diode D1 prevents Co from discharging thru the I.C. during an input short circuit. Diode D2
protects against capacitor CADJ discharging through the I.C. during an output short circuit. The combination of diodes D1 and D2
prevents CADJ from discharging through the I.C. during an input short circuit.
Load Regulation
The TS317 is capable of providing extremely good load regulation, but a few precautions are needed to obtain maximum
performance. For best performance, the programming resistor (R1) should be connected as close to the regulator as possible to
minimize line drops which effectively appear in series with the reference, thereby degrading regulation. The ground end of R2 can
be returned near the load ground to provide remote ground sensing and improve load regulation.
External Capacitor
A 0.1
µF disc or 1µF tantalum input bypass capacitor (Cin) is recommended to reduce the sensitivity to input line impedance.
The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor (Cadj) prevents ripple from being
amplified as the output voltage is rejection about 15dB at 120 HZ in a 10V application.
Although the TS317 is stable with no output capacitance, like any feedback circuit, certain values of external capacitance can
cause excessive ringing. An output increased. A 10u
µF capacitor should improve ripple capacitance (Co) in the form of a 1uF
tantalum or 25uF aluminum electrolytic capacitor on the output swamps this effect and insures stability.


Similar Part No. - TS317CWRP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS317CW ETC-TS317CW Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317CW TSC-TS317CW Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results

Similar Description - TS317CWRP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com