Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2496CMRN Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2496CMRN
Description  2A / 150KHz Buck Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2496CMRN Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2496CMRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2496CMRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2496CMRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2496CMRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2496CMRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2496CMRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2496CMRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS2496
2A / 150KHz Buck Switching Regulator
4/7
Version: C07
Typical Application Circuit
1. Adjustable Output Voltage Version
2. Fixed Output Voltage Version
3. Adjustable Output Voltage Version with Delayed Startup


Similar Part No. - TS2496CMRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2496CM5 TSC-TS2496CM5 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
More results

Similar Description - TS2496CMRN

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
   150KHz, 2A PWM Buck Switching Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8303 SAMHOP-SM8303 Datasheet
217Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Feeling Technology Corp...
FP6101 FEELING-FP6101 Datasheet
428Kb / 12P
   20V, 2A Buck Switching Regulator
logo
Taiwan Semiconductor Co...
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
logo
Tiger Electronic Co.,Lt...
AP1509 TGS-AP1509 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com