Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQ6BW12K Datasheet(PDF) 1 Page - Sharp Corporation

Part # LQ6BW12K
Description  Color TFT-LCD Module for AV/Car Navigation(LCD TV/PDA/Car Navigation)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ6BW12K Datasheet(HTML) 1 Page - Sharp Corporation

  LQ6BW12K Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Product
Color TFT-LCD Module for AV/Car Navigation
LQ6BW12K
(LCD TV/PDA/Car Navigation)
Features
n
Display size : 14 cm [5.6"]
n
Wide viewing angle
Specifications
Parameter
Unit
Parameter
Unit
Display size
14 [5.6]
cm [ "]
Backlight type
1CCFT(E)
-
No. of pixels
74 880
pixel
Brightness
cd/m2
Dot format (H x V)
320 x RGB x 234
dot
Power consumption panel
4.9
W
Dot pitch (H x V)
0.120 x 0.360
mm
& backlight
Active area (H x V)
115.2 x 84.2
mm
Outline dimensions (W x H x D) 140.0 x 104.6 x 13.0
mm
Input signal system
NTSC/PAL*1
-
Weight
220
g
Input video signal
TFT Specific Analog RGB
-
Operating temperature
-30 to + 85
∞C
Viewing direction
6 : 00
-
Storage temperature
-30 to + 85
∞C
*1...MBK-PAL system is adopted as PAL. LCD panel has 234 scanning lines but video-signals are deleted
for certain intervals, and displays a picture of 273 virtual scanning lines.
Outline Dimensions
unit : mm
13
69.5
960H x 234V dots
B
B
G
R
B
G
R
70.5
140
65
8.6
datum line
13
(60)
Screen center
Screen size (115.2~84.2)
121.2


Similar Part No. - LQ6BW12K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ6BW506 SHARP-LQ6BW506 Datasheet
118Kb / 1P
   Color TFT-LCD Module(Car Navigation)
More results

Similar Description - LQ6BW12K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
LQ049B5DG01 SHARP-LQ049B5DG01 Datasheet
113Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ050A5BS01 SHARP-LQ050A5BS01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ058T5DRQ1 SHARP-LQ058T5DRQ1 Datasheet
115Kb / 1P
   Color TFT-LCD Module (Car Navigation)
LQ058T5GG01 SHARP-LQ058T5GG01 Datasheet
111Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ7BW566 SHARP-LQ7BW566 Datasheet
117Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ070T5GG01 SHARP-LQ070T5GG01 Datasheet
113Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ080T5GG01 SHARP-LQ080T5GG01 Datasheet
107Kb / 1P
   Color TFT-LCD Module(Car Navigation)
LQ5AW136 SHARP-LQ5AW136 Datasheet
115Kb / 1P
   Color TFT-LCD Module(Car Navigation)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com