Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2576CM5RN Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS2576CM5RN
Description  3A / 52KHz Buck Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576CM5RN Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS2576CM5RN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576CM5RN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576CM5RN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576CM5RN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576CM5RN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576CM5RN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576CM5RN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2576CM5RN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS2576
3A / 52KHz Buck Switching Regulator
6/8
Version: B07
TO-220-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XXX = Voltage Code
(3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CZ5 = TO-220-5L)
TO-220-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.00
10.50
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
0.260
1.020
0.010
0.040
E
1.570
1.830
0.062
0.072
F
13.31
14.13
0.524
0.556
G
4.475
5.225
0.176
0.206
H
1.170
1.370
0.046
0.054
I
27.60
29.44
1.087
1.159
J
2.175
2.925
0.086
0.115
K
0.297
0.477
0.012
0.019
L
8.280
8.800
0.326
0.346
M
6.010
6.510
0.237
0.256
N
14.29
15.31
0.563
0.603


Similar Part No. - TS2576CM5RN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576CM5 TSC-TS2576CM5 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
TS2576CM5 TSC-TS2576CM5 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576CM5-05 TSC-TS2576CM5-05 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
TS2576CM5-12 TSC-TS2576CM5-12 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
TS2576CM5-3.3 TSC-TS2576CM5-3.3 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
More results

Similar Description - TS2576CM5RN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com