Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2950CTA3 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2950CTA3
Description  150mA Ultra Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2950CTA3 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2950CTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2950CTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2950CTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2950CTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2950CTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2950CTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2950CTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS2950/A
150mA Ultra Low Dropout Voltage Regulator
5/10
Version: D11
TO-252 Mechanical Drawing
Marking Diagram
XX = Voltage Code
(50 = 5.0V, 33 = 3.3V, 30 = 3.0V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code


Similar Part No. - TS2950CTA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2950CT TSC-TS2950CT Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2950CT TSC-TS2950CT Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950CT-3.0 TSC-TS2950CT-3.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2950CT-3.3 TSC-TS2950CT-3.3 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2950CT-5.0 TSC-TS2950CT-5.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS2950CTA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com