Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX66 Datasheet(PDF) 1 Page - Seme LAB

Part # BDX66
Description  PNP DARLINGTON SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX66 Datasheet(HTML) 1 Page - Seme LAB

  BDX66_10 Datasheet HTML 1Page - Seme LAB BDX66_10 Datasheet HTML 2Page - Seme LAB BDX66_10 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP DARLINGTON
SILICON POWER TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8760
Issue 1
Page 1 of 3
BDX 66, A, B, C
Hermetic Metal TO3 Package.
Ideal for General Purpose Low Frequency Switching Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
BDX66
66A
66B
66C
VCEO
Collector – Emitter Voltage
-60V
-80V -100V -120V
VCBO
Collector – Base Voltage
-60V
-80V -100V -120V
VEBO
Emitter – Base Voltage
-5V
ICM
Peak Collector Current
-20A
IB
Base Current
-0.25A
PD
Total Power Dissipation at
TC = 25°C
150W
De-rate Linearly Above 25°C
0.855 W/
°C
TJ
Junction Temperature Range
-55 to +200°C
Tstg
Storage Temperature Range
-55 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJC
Thermal Resistance, Junction To Case
1.17
°C/W


Similar Part No. - BDX66_10

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX66 COMSET-BDX66_12 Datasheet
83Kb / 4P
   PNP SILICON DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX66_10

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1100 NJSEMI-2SB1100 Datasheet
183Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1102 NJSEMI-2SB1102 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
BD650 NJSEMI-BD650 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX88 NJSEMI-BDX88 Datasheet
135Kb / 2P
   Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com