Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX66B Datasheet(PDF) 2 Page - Seme LAB

Part # BDX66B
Description  PNP DARLINGTON SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX66B Datasheet(HTML) 2 Page - Seme LAB

  BDX66B Datasheet HTML 1Page - Seme LAB BDX66B Datasheet HTML 2Page - Seme LAB BDX66B Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP DARLINGTON
SILICON POWER TRANSISTOR
BDX 66, A, B, C
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8760
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
BDX66
-60
BDX66A
-80
BDX66B
-100
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -100mA
BDX66C
-120
V
ICEO
Collector Cut-Off Current
VCE =0.5×VCEO(max)
IB =0
-1.0
IE = 0
VCB =VCBO(max)
-1.0
VCB = -40V
BDX66
IE = 0
VCB = -50V
BDX66A
VCB = -60V
BDX66B
ICBO
Collector-Base Cut-Off
Current
TJ =200°C
VCB = -70V
BDX66C
-5
IEBO
Emitter Cut-Off Current
VEB = -5V
IC = 0
-5
mA
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -10A
IB = -40mA
-2
VBE
(1)
Base-Emitter Voltage
IC = -10A
VCE = -3V
-2.5
VF
Diode Forward Voltage
IF = 10A
2
V
IC = -1.0A
2000
IC = -10A
1000
hFE
(1)
Forward-current transfer
ratio
VCE = -3V
IC = -16A
1000
-
DYNAMIC CHARACTERISTICS
IC = -5A
VCE = -3V
hfe
Magnitude of common
emitter small-signal short-
circuit forward current
transfer ratio
f = 1.0MHz
50
-
VCB = -10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
300
pF
ton
Turn-On Time
IC = -10A
VCC = -12V
1.0
toff
Turn-Off Time
-IB1 = IB2 = 40mA
3.5
µS
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%


Similar Part No. - BDX66B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX66B ETC-BDX66B Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Savantic, Inc.
BDX66B SAVANTIC-BDX66B Datasheet
109Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BDX66B COMSET-BDX66B Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
BDX66B COMSET-BDX66B Datasheet
83Kb / 4P
   PNP SILICON DARLINGTON POWER TRANSISTOR
logo
Savantic, Inc.
BDX66B SAVANTIC-BDX66B Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BDX66B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1100 NJSEMI-2SB1100 Datasheet
183Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1102 NJSEMI-2SB1102 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
BD650 NJSEMI-BD650 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX88 NJSEMI-BDX88 Datasheet
135Kb / 2P
   Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com