Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDY26C Datasheet(PDF) 2 Page - Seme LAB

Part # BDY26C
Description  HIGH CURRENT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDY26C Datasheet(HTML) 2 Page - Seme LAB

  BDY26C Datasheet HTML 1Page - Seme LAB BDY26C Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BDY26C
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be
both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab
encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 6012, ISSUE 2
THERMAL CHARACTERISTICS
Max
Unit
Rth j-case
Thermal resistance to case
3.5
°C/W
ELECTRICAL CHARACTERISTICS (T
case=25°C unless otherwise stated)
Parameter
Test Conditions
Min. Typ. Max.
Unit
ICEO
Collector Cut-Off Current
VCE = 140V
IB = 0
1.0
ICES
Collector Cut-Off Current
VCE = 180V
VBE = 0
1.0
IEBO
Emitter Cut-Off Current
VEB = 10V
IC = 0
1.0
mA
V(BR)CEO*
Collector-Emitter Breakdown Voltage
IC = 50mA
IB = 0
180
V(BR)CBO*
Collector-Base Breakdown Voltage
IC = 3mA
300
VCE(sat)*
Collector-Emitter Saturation Voltage
IC = 2.0A
IB = 0.25A
0.6
VBE(sat)*
Base-Emitter Saturation Voltage
IC = 2.0A
IB = 0.25A
1.2
V
IC = 1.0A
VCE = 4.0V
90
hFE*
Forward-current transfer ratio
IC = 2.0A
VCE = 4.0V
75
82
180
DYNAMIC CHARACTERISTICS
IE = 0
VCB = 10V
Cobo
Output Capacitance
f = 1.0MHz
65
120
pF
IC = 0.5A
VCE = 15V
FT
Transition Frequency
f = 10.0MHz
10
MHz
Ton
Turn-on time
IC= 5.0A
IB1= 1.0A
1.0
Toff
Turn-off time
IC= 5.0A
IB1=-IB2= 1.0A
6
µ
s
* Pulse test tp = 300µs, δ < 2%


Similar Part No. - BDY26C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
BDY26C ISC-BDY26C Datasheet
184Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BDY26C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUTW92 STMICROELECTRONICS-BUTW92 Datasheet
61Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTOR
logo
Seme LAB
BDY25A SEME-LAB-BDY25A Datasheet
49Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
BUX41 NJSEMI-BUX41 Datasheet
119Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
logo
STMicroelectronics
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTOR
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5038 NJSEMI-2N5038 Datasheet
75Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
BDY28A SEME-LAB-BDY28A Datasheet
49Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
BDY28B SEME-LAB-BDY28B_07 Datasheet
49Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
logo
STMicroelectronics
BDY90 STMICROELECTRONICS-BDY90 Datasheet
62Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTOR
BUR51 STMICROELECTRONICS-BUR51 Datasheet
65Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com