Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX40 Datasheet(PDF) 3 Page - Seme LAB

Part # BFX40
Description  PNP SILICON EPITAXIAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX40 Datasheet(HTML) 3 Page - Seme LAB

  BFX40 Datasheet HTML 1Page - Seme LAB BFX40 Datasheet HTML 2Page - Seme LAB BFX40 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -50mA
VCE = -10V
f =100MHz
IC = 0
VEB = -0.5V
f =1MHz
IE = 0
VCB = -0.5V
f =1MHz
IC = - 500mA
VCC = -30V
IB1 = -50mA
IC = - 500mA
VCC = - 30V
IB1 = IB2 = -50mA
IC = - 500mA
VCC = - 30V
IB1 = - IB2 = -50mA
BFX38
BFX39
BFX40
BFX41
Document Number 3084
Issue 1
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
THERMAL CHARACTERISTICS
Rθth(j-case) Thermal Resistance Junction to case
44
°C/W
Rθth(j-amb) Thermal Resistance Junction to ambient
219
°C/W
Transitions Frequency
Emitter - Base Capacitance
Collector - Base Capacitance
Turn-on time
Storage Time
Fall Time
100
150
75
120
15
20
33
100
160
350
27
50
MHz
pF
ns
fT
CEBO
CCBO
ton
ts
tf
* Pulsed: pulse duration = 300
µs, duty cycle = 1%


Similar Part No. - BFX40

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFX40 SEME-LAB-BFX40 Datasheet
24Kb / 3P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX40 NJSEMI-BFX40 Datasheet
91Kb / 3P
   PNP SILICON EPITAXIAL
More results

Similar Description - BFX40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com