Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4268 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS4268
Description  180mA Fixed-Voltage Ultra Low LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS4268_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS4268
180mA Fixed-Voltage Ultra Low LDO
4/7
Version: B07
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by resistance adjustment, to a
voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation
control as a function of the load current prevents any over-saturation of the power element. If The externally scaled
down output voltage at the reset threshold input drops below 1.35 V, the external reset delay capacitor is discharged
by the reset generator. If the voltage on the capacitor reaches the lower threshold VST, a reset signal is generated on
the reset output and not cancelled again until the upper threshold voltage is exceeded. If the reset threshold input is
connected to GND, reset is triggered at an output voltage of 4.5 V. A connected microcontroller is monitored by the
watchdog logic. If pulses are missing, the rest output is set to low. The pulse sequence time can be set within a wide
range with the reset delay capacitor. TS4268 is also incorporates a member of internal circuits for protection against:
• Over load
• Over temperature
• Reverse polarity
Block Diagram


Similar Part No. - TS4268_08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4268CS50 TSC-TS4268CS50 Datasheet
255Kb / 7P
   180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
More results

Similar Description - TS4268_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268 Datasheet
255Kb / 7P
   180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com