Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1N45CWRP Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TSM1N45CWRP
Description  450V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N45CWRP Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TSM1N45CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM1N45CWRP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TSM1N45
450V N-Channel Power MOSFET
8/9
Version: C09
SOT-223 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L = Lot Code
SOT-223 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10
°
16
°
10
°
16
°
K
1.550
1.800
0.061
0.071


Similar Part No. - TSM1N45CWRP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM1N45CT VBSEMI-TSM1N45CT Datasheet
970Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45CTA3 TSC-TSM1N45CTA3 Datasheet
583Kb / 8P
   450V N-Channel Power MOSFET
TSM1N45CTB0 TSC-TSM1N45CTB0 Datasheet
583Kb / 8P
   450V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM1N45CTB0 VBSEMI-TSM1N45CTB0 Datasheet
970Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - TSM1N45CWRP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
   450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45 Datasheet
583Kb / 8P
   450V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
SSN1N45B FAIRCHILD-SSN1N45B Datasheet
667Kb / 8P
   450V N-Channel MOSFET
FQB6N45 FAIRCHILD-FQB6N45 Datasheet
582Kb / 9P
   450V N-Channel MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com