Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP117MAHVE Datasheet(PDF) 2 Page - Seme LAB

Part # IP117MAHVE
Description  0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP117MAHVE Datasheet(HTML) 2 Page - Seme LAB

  IP117MAHVE Datasheet HTML 1Page - Seme LAB IP117MAHVE Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to
heating effects are covered under thermal regulation specifications.
2) Test Conditions unless othewise stated:
VIN – VOUT = 5V , TJ = 25°C , IOUT = 0.1A , PMAX = 10W , IMAX = 0.5A
VMAX = 40V for standard series , 60V for HV series.
1.238
1.25
1.262
1.220
1.250
1.270
0.005
0.010
0.010
0.020
515
0.1
0.3
15
50
0.3
1
0.002
0.020
65
66
80
50
100
0.2
5
3.5
5
3.5
7
0.50
0.80
0.15
0.20
0.30
12
0.3
1
0.001
13
1.200
1.250
1.300
0.010
0.020
0.020
0.050
515
0.1
0.3
20
50
0.3
1
0.030
0.070
65
66
80
50
100
0.2
5
3.5
5
3.5
7
0.50
0.80
0.15
0.20
0.30
1
0.3
1
0.001
13
IP117MAHV
IP117MHV , IP117M
IP117MA
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
VREF
Reference Voltage
ΔVOUT
Line Regulation 1
ΔVIN
ΔVOUT
Load Regulation 1
ΔIOUT
Thermal Regulation
Ripple Rejection
IADJ
Adjust Pin Current
ΔIADJ Adjust Pin Current
Change
IMIN
Minimum Load
Current
ICL
Current Limit
ΔVOUT Temperature
ΔTEMP Stability
ΔVOUT
Long Term Stability
ΔTIME
en
RMS Output Noise
(% of VOUT)
RθJC
Thermal Resistance
Junction to Case
IOUT = 10mA
IOUT = 10mA to IMAX
VIN – VOUT = 3V to VMAX
P
≤ PMAX
TJ = –55 to +150°C
VIN – VOUT = 3V to VMAX
TJ = –55 to +150°C
IOUT = 10mA to IMAX
VOUT ≤ 5V
VOUT ≥ 5V
IOUT = 10mA to IMAX
VOUT ≤ 5V
TJ = –55 to +150°C
VOUT ≥ 5V
tp = 20ms
CADJ = 0
VOUT = 10V
CADJ = 10μF
f = 120Hz
TJ = –55 to +150°C
TJ = –55 to +150°C
IOUT = 10mA to IMAX
TJ = –55 to +150°C
VIN – VOUT = 2.5V to VMAX
VIN – VOUT = 40V
TJ = –55 to +150°C
VIN – VOUT = 60V (HV SERIES)
TJ = –55 to +150°C
VIN – VOUT ≤ 15V
TJ = –55 to +150°C
VIN – VOUT = 40V
VIN – VOUT = 60V (HV SERIES)
TJ = –55 to +150°C
TA = +125°C
t = 1000 Hrs
f = 10 Hz to 10 kHz
LCC4 Package
V
V
% / V
mV
%
mV
%
%/W
dB
dB
μA
μA
mA
A
A
%
%
%
°C/W
IP117MAHVE
IP117MHVE
IP117MAE
IP117MEA
Document Number 5383
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - IP117MAHVE

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAHVE SEME-LAB-IP117MAHVE Datasheet
19Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
More results

Similar Description - IP117MAHVE

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAE SEME-LAB-IP117MAE Datasheet
19Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHV-LCC4 SEME-LAB-IP117MAHV-LCC4 Datasheet
18Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137MAHV-LCC4 SEME-LAB-IP137MAHV-LCC4 Datasheet
14Kb / 2P
   0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
   0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7637SM ETC2-OM7637SM Datasheet
19Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
OM7635SM ETC-OM7635SM Datasheet
16Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
logo
Seme LAB
IP140MA SEME-LAB-IP140MA Datasheet
32Kb / 4P
   0.5 AMP POSITIVE VOLTAGE REGULATOR
logo
International Rectifier
OM7620SM IRF-OM7620SM Datasheet
30Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com