Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS1331 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LRS1331
Description  Stacked Chip 16M Flash Memory and 4M SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LRS1331 Datasheet(HTML) 3 Page - Sharp Corporation

  LRS1331 Datasheet HTML 1Page - Sharp Corporation LRS1331 Datasheet HTML 2Page - Sharp Corporation LRS1331 Datasheet HTML 3Page - Sharp Corporation LRS1331 Datasheet HTML 4Page - Sharp Corporation LRS1331 Datasheet HTML 5Page - Sharp Corporation LRS1331 Datasheet HTML 6Page - Sharp Corporation LRS1331 Datasheet HTML 7Page - Sharp Corporation LRS1331 Datasheet HTML 8Page - Sharp Corporation LRS1331 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Stacked Chip (16M Flash & 4M SRAM)
LRS1331
Data Sheet
3
Table 1. Pin Descriptions
PIN
DESCRIPTION
TYPE
A0 to A16
Address Inputs (Common)
Input
F-A17 to F-A19
Address Inputs (Flash)
Input
S-A17
Address Input (SRAM)
Input
F-CE
Chip Enable Input (Flash)
Input
S-CE1, S-CE2
Chip Enable Inputs (SRAM)
Input
F-WE
Write Enable Input (Flash)
Input
S-WE
Write Enable Input (SRAM)
Input
F-OE
Output Enable Input (Flash)
Input
S-OE
Output Enable Input (SRAM)
Input
S-LB
SRAM Byte Enable Input (DQ0 to DQ7)
Input
S-UB
SRAM Byte Enable Input (DQ8 to DQ15)
Input
F-RP
Deep Power Down Input (Flash)
Block erase and Word Write: VIH
Read: VIH
Deep Power Down: VIL
Input
F-WP
Write Protect Input (Flash)
Two Boot Blocks Locked: VIL
Input
F-RY/BY
Ready/Busy Output(Flash)
During an Erase or Write operation: VOL
Block Erase and Word Write Suspend: HIGH-Z
Deep Power Down: VOH
Output
DQ0 to DQ15
Data Input and Outputs (Common)
Input/Output
F-VCC
Power Supply (Flash)
Power
S-VCC
Power Supply (SRAM)
Power
F-VPP
Write, Erase Power Supply (Flash)
Block Erase and Word Write: F-VPP = VPPLK
All Blocks Locked: F-VPP < VPPLK
Power
F-GND
Ground (Flash)
Power
S-GND
Ground (SRAM)
Power
NC
No Connection
T1 to T5
Test Pins (Should be Open)


Similar Part No. - LRS1331

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
   Stacked Chip 32M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
   Stacked Chip 8M Flash Memory and 2M SRAM
More results

Similar Description - LRS1331

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1341 SHARP-LRS1341 Datasheet
197Kb / 24P
   Stacked Chip 16M Flash Memory and 2M SRAM
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
   Stacked Chip 32M Flash Memory and 4M SRAM
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
   Stacked Chip 16M Flash and 2M SRAM
LRS1381 SHARP-LRS1381 Datasheet
4Mb / 114P
   STACKED CHIP 32M FLASH AND 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
   Stacked Chip 8M Flash Memory and 2M SRAM
logo
Macronix International
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com