Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1N80SCTB0 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TSM1N80SCTB0
Description  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N80SCTB0 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TSM1N80SCTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM1N80SCTB0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TSM1N80
800V N-Channel MOSFET
8/9
Version: A10
SOT-223 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L
= Lot Code
SOT-223 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10
°
16
°
10
°
16
°
K
1.550
1.800
0.061
0.071


Similar Part No. - TSM1N80SCTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM1N80 TSC-TSM1N80 Datasheet
250Kb / 7P
   N-Channel Power MOSFET
TSM1N80CWRPG TSC-TSM1N80CWRPG Datasheet
250Kb / 7P
   N-Channel Power MOSFET
TSM1N80 TSC-TSM1N80_15 Datasheet
250Kb / 7P
   N-Channel Power MOSFET
More results

Similar Description - TSM1N80SCTB0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com