Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP120-12 Datasheet(PDF) 2 Page - Seme LAB

Part # IP120-12
Description  1.5 AMP NEGATIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP120-12 Datasheet(HTML) 2 Page - Seme LAB

  IP120-12 Datasheet HTML 1Page - Seme LAB IP120-12 Datasheet HTML 2Page - Seme LAB IP120-12 Datasheet HTML 3Page - Seme LAB IP120-12 Datasheet HTML 4Page - Seme LAB IP120-12 Datasheet HTML 5Page - Seme LAB IP120-12 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number 3725
Issue: 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
IP/LM 7905A Series
IP/LM 7905 Series
IP/LM 120A Series
IP/LM 120 Series
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
-4.9
-5
-5.1
-4.8
-5.2
325
350
1.0
25
250
25
100
25
100
1.0
1.9
1.0
2
0.2
0.4
0.2
0.5
100
54
54
1.4
5
0.6
1.2
2.4
3.3
0.2
-7.3
-4.95
-5
-5.05
-4.85
-5.15
310
310
1.0
4
1.0
12
25
35
25
35
1.0
1.9
1.0
2
0.2
0.4
0.2
0.5
100
58
58
1.4
5
0.6
1.2
2.4
3.3
0.2
-7.3
V
mV
mV
mA
mA
µV
dB
V
m
A
mV
°C
V
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current
Change
Output Noise
Voltage
Ripple Rejection
Dropout Voltage
Output Resistance
Short Circuit
Current
Peak Output
Current Average
Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IO = 500mA
VIN = -10V
IO = 5mA to IMAX
VIN = -7.5V to -20V
PD ≤ PMAX
TJ = -55 to 150°C
VIN = -7V to -25V
IO = 0.5 IMAX
VIN = -7.5V to -20V
TJ = -55 to 150°C
VIN = -8V to -12V
IO ≤ IMAX
TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = -10V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO ≤ 0.5 IMAX
VIN = -10V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = -10V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = -10V
f = 120Hz
IO ≤ IMAX
VIN = -8V to -18V
IO ≤ 0.5 IMAX
TJ = -55 to 150°C
IO = IMAX
f = 1.0 kHz
VIN = -35V
VIN = -10V
IO = 5mA
IO ≤ IMAX
1) All characteristics are measured with a capacitor across the input of 2.2
µF and a capacitor across the output of 1.0µF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp ≤ 10ms, δ≤ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Test Conditions unless otherwise stated:PMAX = 10W for SMD , PMAX = 20W for all other package devices
IMAX = 1.0A , TJ = 25°C
VO
∆VO
∆VO
IQ
∆IQ
VN
∆VIN
∆VO
RO
Isc
Ipk
IP120 SERIES
IP7900 SERIES
LM120 SERIES
LM7900 SERIES


Similar Part No. - IP120-12

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120-12 SEME-LAB-IP120-12 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - IP120-12

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM120A-05 SEME-LAB-LM120A-05 Datasheet
56Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com