Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2311CXRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2311CXRF
Description  20V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2311CXRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2311CXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2311CXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2311CXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2311CXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2311CXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2311CXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM2311
20V P-Channel MOSFET
1/6
Version: B11
SOT-23
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Application
Load Switch
PA Switch
Ordering Information
Part No.
Package
Packing
TSM2311CX RF
SOT-23
3Kpcs / 7” Reel
TSM2311CX RFG
SOT-23
3Kpcs / 7” Reel
Note: “G” denotes Halogen Free Product.
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current, VGS @ 4.5V.
ID
-4
A
Pulsed Drain Current, VGS @ 4.5V
IDM
-20
A
Continuous Source Current (Diode Conduction)
a,b
IS
-0.72
A
Maximum Power Dissipation
Ta = 25
oC
PD
0.9
W
Ta = 75
oC
0.57
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Lead Temperature (1/8” from case)
TL
5
S
Junction to Ambient Thermal Resistance (PCB mounted)
JA
250
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
c. Surface Mounted on FR4 Board,
PRODUCT SUMMARY
VDS (V)
RDS(on)(m )
ID (A)
-20
55 @ VGS = -4.5V
-4.0
85 @ VGS = -2.5V
-2.5
Pin Definition:
1. Gate
2. Source
3. Drain
Block Diagram
P-Channel MOSFET


Similar Part No. - TSM2311CXRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2311CX TSC-TSM2311CX Datasheet
156Kb / 3P
   20V P-Channel Enhancement Mode MOSFET
TSM2311CX TSC-TSM2311CX Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results

Similar Description - TSM2311CXRF

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com