Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP337AHVK Datasheet(PDF) 6 Page - Seme LAB

Part # IP337AHVK
Description  NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP337AHVK Datasheet(HTML) 6 Page - Seme LAB

  IP337AHVK Datasheet HTML 1Page - Seme LAB IP337AHVK Datasheet HTML 2Page - Seme LAB IP337AHVK Datasheet HTML 3Page - Seme LAB IP337AHVK Datasheet HTML 4Page - Seme LAB IP337AHVK Datasheet HTML 5Page - Seme LAB IP337AHVK Datasheet HTML 6Page - Seme LAB IP337AHVK Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NEGATIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8380
Issue 1
Page 6 of 7
APPLICATIONS INFORMATION
High Stability Regulator
The output stability, load regulation, line regulation,
thermal regulation, temperature drift, long term drift,
and noise, can be improved by a factor of 6.6 over
the standard regulator configuration. This assumes a
zener has 20PPM/°C maximum drift and about 10
times lower noise than the regulator.
Multiple Tracking Regulators
In the application shown below, regulator #2 to “N” will
track regulator #1 to within ±24mV initially, and to
±60mV over all load line, and temperature conditions.
If any regulator output is shorted to ground, all other
outputs will drop to -2V. Load regulation of regulators #2
to “N” will be improved by VOUT / 1.25V compared to a
standard, so regulator #1 should be the one which has
the lowest load current.
Dual Tracking Supply
Current Regulator
* Solid Tantalum
** R1 & R5 maybe trimmed slightly to improve tracking
R3
1.5k
1%
ADJ
IP137
VIN
VOUT
R1
1k
1%
1µF
–VOUT
SOLID
TANTALUM
7V
R2
*
–VIN
(
)
V
OUT
9.08 x 10 -3
– 908 Ω
R2 =
*
C3
10µF
R2
ADJ
IP137
V
IN
V
OUT
1N4002
R1
120 Ω
–VIN
ADJ
IP137
V
IN
V
OUT
1N4002
2µF
C1
1µF
SOLID
TANTALUM
–VOUT1
REG #1
2µF
REG #2
1µF
SOLID
TANTALUM
OUT2
–V
ADJ
IP137
V
IN
V
OUT
1N4002
2µF
REG #N
OUT N
–V
1µF
SOLID
TANTALUM
ADJ
IP137
V
IN
V
OUT
D2
1N4002
–V
OUT
IN
–V
R5**
100 Ω
1%
R3
5k
10µF
V
IN
V
OUT
ADJ
IP137
R1**
100 Ω
1%
10µF
2.2
µF
2.2
µF
D1
1N4002
IN
+V
+V
OUT
R2
5k
1%
R4
5k
1%
*
*
ADJ
V
IN
V
OUT
(–)
I
(+)
C1
1µF
SOLID
TANATALUM
IP137
RS
0.8 Ω ≤
≤ 250Ω
R
S
I = 65µA +
1.25 V
R
S
IP137
IP137
IP137
IP137
IP137
IP137
IP137


Similar Part No. - IP337AHVK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP337AHVK SEME-LAB-IP337AHVK Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP337AHVK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR137 SSDI-SVR137 Datasheet
189Kb / 3P
   Negative Adjustable Linear Voltage Regulator
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
   NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
List of Unclassifed Man...
UA79HG ETC1-UA79HG Datasheet
253Kb / 4P
   5A NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
7703404YA ETC2-7703404YA Datasheet
15Kb / 3P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com