Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM3911D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3911D
Description  20V Dual P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3911D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3911D_09 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3911D_09 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3911D_09 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3911D_09 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3911D_09 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3911D_09 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM3911D
20V Dual P-Channel MOSFET
2/6
Version: B07
Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250uA
BVDSS
-20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-0.45
--
-0.95
V
Gate Body Leakage
VGS = ±8V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -16V, VGS = 0V
IDSS
--
--
-1.0
µA
On-State Drain Current
a
VDS =-5V, VGS = -5V
ID(ON)
-5
--
--
A
VGS = -4.5V, ID = -2.2A
--
115
140
VGS = -2.5V, ID = -1.8A
--
163
200
Drain-Source On-State Resistance
a
VGS = -1.8V, ID = -1A
RDS(ON)
--
220
300
Forward Transconductance
a
VDS = -5V, ID = -2.2A
gfs
--
5
--
S
Diode Forward Voltage
IS = -1.05A, VGS = 0V
VSD
--
- 0.8
-1.2
V
Dynamic
b
Total Gate Charge
Qg
--
15.23
--
Gate-Source Charge
Qgs
--
5.49
--
Gate-Drain Charge
VDS = -6V, ID = -2.8A,
VGS = -4.5V
Qgd
--
2.74
--
nC
Input Capacitance
Ciss
--
882.51
--
Output Capacitance
Coss
--
145.54
--
Reverse Transfer Capacitance
VDS = -6V, VGS = 0V,
f = 1.0MHz
Crss
--
97.26
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
17.28
--
Turn-On Rise Time
tr
--
3.73
--
Turn-Off Delay Time
td(off)
--
36.05
--
Turn-Off Fall Time
VDD = -6V, RL = 6Ω,
ID = -1A, VGEN = -4.5V,
RG = 6Ω
tf
--
6.19
--
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM3911D_09

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3911DCX6RF TSC-TSM3911DCX6RF Datasheet
343Kb / 6P
   20V Dual P-Channel MOSFET
TSM3911DCX6RF TSC-TSM3911DCX6RF Datasheet
266Kb / 6P
   20V Dual P-Channel MOSFET
TSM3911DCX6RFG TSC-TSM3911DCX6RFG Datasheet
266Kb / 6P
   20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_14 Datasheet
266Kb / 6P
   20V Dual P-Channel MOSFET
More results

Similar Description - TSM3911D_09

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
   20V Dual P-Channel MOSFET
SSF2841 GOOD-ARK-SSF2841 Datasheet
431Kb / 4P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6981D TSC-TSM6981D Datasheet
405Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
   20V Dual P-Channel MOSFET
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3_15 Datasheet
733Kb / 6P
   20V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON4803 AOSMD-AON4803_12 Datasheet
313Kb / 5P
   20V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com