Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG6330 Datasheet(PDF) 1 Page - Seme LAB

Part # MG6330
Description  SILICON EPITAXIAL PLANAR NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MG6330 Datasheet(HTML) 1 Page - Seme LAB

  MG6330 Datasheet HTML 1Page - Seme LAB MG6330 Datasheet HTML 2Page - Seme LAB MG6330 Datasheet HTML 3Page - Seme LAB MG6330 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON EPITAXIAL
PLANAR NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9116
Issue 2
Page 1 of 4
MG6330, MG6330-R
TO-3P Plastic Package
Complimentary PNP – MG9410
Designed specifically for audio power amplifier applications
High Current audio bipolar with wide Safe Operating Area
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
MG6330
MG6330-R
VCBO
Collector – Base Voltage
230V
260V
VCEO
Collector – Emitter Voltage
230V
260V
VEBO
Emitter – Base Voltage
5V
IC
Continuous Collector Current
15A
IB
Base Current
4A
PD
Total Power Dissipation at
TA = 25°C
200W
TJ
Maximum Junction Temperature
150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
0.63
°C/W


Similar Part No. - MG6330

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MG6331 SEME-LAB-MG6331 Datasheet
588Kb / 5P
   SILICON EPITAXIAL PLANAR NPN TRANSISTOR
MG6331-R SEME-LAB-MG6331-R Datasheet
588Kb / 5P
   SILICON EPITAXIAL PLANAR NPN TRANSISTOR
logo
List of Unclassifed Man...
MG6333 ETC2-MG6333 Datasheet
553Kb / 2P
   SILICON EPTIAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - MG6330

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com