Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML10SIC03NJC Datasheet(PDF) 1 Page - Seme LAB

Part # SML10SIC03NJC
Description  SiC SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML10SIC03NJC Datasheet(HTML) 1 Page - Seme LAB

  SML10SIC03NJC Datasheet HTML 1Page - Seme LAB SML10SIC03NJC Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML10SIC03NJC
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 6009
Issue 1
SMD05 (TO-276AA) PACKAGE
1
2
3
SiC SCHOTTKY DIODE
VR 300V
IF 2x10A
Semelab’s Silicon Carbide (SiC) Schottky
diodes exhibit low forward voltage, zero
reverse recovery, and superb high-
temperature performance.
The devices employ Semelab’s proven
hermetic packaging technology and are
suitable
for
high-frequency
hard-
switching applications, where system
efficiency and reliability are paramount.
ABSOLUTE MAXIMUM RATINGS at TJ = 25°C unless otherwise stated (per leg)
Symbol
Parameter
Rating
Units
VR
DC Reverse Voltage
300
V
VRRM
Repetitive Peak Reverse Voltage
300
V
VRSM
Surge Peak Reverse Voltage
300
V
IF
DC Forward Current TC = 100°C
10
A
IFRM
Repetitive Peak Forward Current TJ = 150°C, TC = 100°C, D = 0.1
45
A
IFSM
Surge Peak Forward Current TC = 25°C, tp = 10 s
100
A
PD
Power Dissipation TC = 25°C
70W
W
TJ, Tstg
Operating Junction and Storage Temperature
-55 to +175
°C
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by
Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or
omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - SML10SIC03NJC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML10SIC03NC SEME-LAB-SML10SIC03NC Datasheet
220Kb / 2P
   SiC SCHOTTKY DIODE
More results

Similar Description - SML10SIC03NJC

ManufacturerPart #DatasheetDescription
logo
SHENZHEN BASIC SEMICOND...
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
   SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
   SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
   SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 0.2
B2D02120K1 BASICSEMI-B2D02120K1 Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 0.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com