Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM7900DCQRF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7900DCQRF
Description  20V Dual N-Channel MOSFET w/ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7900DCQRF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM7900DCQRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7900DCQRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7900DCQRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM7900DCQRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM7900DCQRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM7900DCQRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM7900D
20V Dual N-Channel MOSFET w/ESD Protected
2/6
Version: B07
Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
0.6
0.8
1.0
V
Gate Body Leakage
VGS = ±12V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 16V, VGS = 0V
IDSS
--
--
1.0
uA
On-State Drain Current
VDS = 5V, VGS = 4.5V
ID(ON)
30
--
--
A
VGS = 4.5V, ID = 6.0A
--
30
35
Drain-Source On-State Resistance
VGS = 2.5V, ID = 5.0A
RDS(ON)
--
35
40
Forward Transconductance
VDS = 10V, ID = 6.0A
gfs
--
30
--
S
Diode Forward Voltage
IS = 1.5A, VGS = 0V
VSD
--
0.6
1.2
V
Dynamic
b
Total Gate Charge
Qg
--
15
20
Gate-Source Charge
Qgs
--
3.4
--
Gate-Drain Charge
VDS = 10V, ID = 6A,
VGS = 4.5V
Qgd
--
1.2
--
nC
Input Capacitance
Ciss
--
950
--
Output Capacitance
Coss
--
450
--
Reverse Transfer Capacitance
VDS = 10V, VGS = 0V,
f = 1.0MHz
Crss
--
125
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
140
200
Turn-On Rise Time
tr
--
210
250
Turn-Off Delay Time
td(off)
--
3700
4800
Turn-Off Fall Time
VDD = 10V, RL = 10Ω,
ID = 1A, VGEN = 4.5V,
RG = 6Ω
tf
--
2000
2600
nS
Notes:
a. pulse test: PW
300µS, duty cycle
2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM7900DCQRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7900DCQRL TSC-TSM7900DCQRL Datasheet
347Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
More results

Similar Description - TSM7900DCQRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7311D TSC-TSM7311D_07 Datasheet
354Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD Datasheet
174Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6866D TSC-TSM6866D Datasheet
154Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM9426D TSC-TSM9426D Datasheet
151Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6970D TSC-TSM6970D Datasheet
242Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD_08 Datasheet
506Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6988D TSC-TSM6988D_08 Datasheet
491Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968D TSC-TSM6968D Datasheet
175Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968D TSC-TSM6968D_07 Datasheet
371Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7311D TSC-TSM7311D Datasheet
176Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com