Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM9428DCSRL Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9428DCSRL
Description  20V Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9428DCSRL Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM9428DCSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9428DCSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9428DCSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9428DCSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9428DCSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9428DCSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM9428D
20V Dual N-Channel MOSFET
5/6
Version: D07
SOP-8 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - TSM9428DCSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9428DCSRL TSC-TSM9428DCSRL Datasheet
369Kb / 6P
   20V Dual N-Channel MOSFET
More results

Similar Description - TSM9428DCSRL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
   20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
   20V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
   20V Dual N-Channel MOSFET
AON3810 AOSMD-AON3810 Datasheet
120Kb / 4P
   20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
   20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com