Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZT91 Datasheet(PDF) 2 Page - Seme LAB

Part # ZT91
Description  MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

ZT91 Datasheet(HTML) 2 Page - Seme LAB

  ZT91 Datasheet HTML 1Page - Seme LAB ZT91 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
1.2
1.5
1
60
0.1
30
40
120
60
250
6
25
100
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Document Number 3032
Issue 1
ZT91
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 10mA
IB = 0
IC = 200mA
IB = 20mA
IC = 200mA
IB = 20mA
VCB=VCE
IE = 0
Tamb = 100°C
VEB = 5V
IC = 0
VCE = 10V
IC = 10mA
VCE = 10V
IC = 200mA
VCE = 10V
IC = 50mA
f = 10MHz
VCE = 10V
IC = 300µA
f = 1KHz
VCB = 10V
f = 0
VEB = 1V
f = 0
VCEO(SUS) Collector – Emitter Sustaining Voltage
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter - Base Reverse Current
hFE
DC Current Gain
fT
Gain Bandwidth Product
NF
Noise Figure
Cob
Output Capacitance
Cib
Input Capacitance
V
mA
µA
MHz
dB
pF


Similar Part No. - ZT91

ManufacturerPart #DatasheetDescription
logo
Seme LAB
ZT91 SEME-LAB-ZT91 Datasheet
20Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
More results

Similar Description - ZT91

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
ZTX449 DIODES-ZTX449_15 Datasheet
61Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com