Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB721Q-40 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RB721Q-40
Description  30 mA Rectifier 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB721Q-40 Datasheet(HTML) 1 Page - Micro Commercial Components

  RB721Q-40 Datasheet HTML 1Page - Micro Commercial Components RB721Q-40 Datasheet HTML 2Page - Micro Commercial Components RB721Q-40 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RB721Q-40
30 mA Rectifier
40 Volts
Features
High speed switching
Small pitch enables insertion on PCBs.
Low VF and low IR
Maximum Ratings
Symbol
Rating
Rating
Unit
VRM
Peak Reverse Voltage
40
V
VR
DC Reverse Voltage
40
V
IO
Mean Rectifying Current
30
mA
IFSM
Peak Forward Surge Current
200
mA
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=1.0mAdc)
---
---
0.37
Vdc
IR
Reverse Current
(VR=25Vdc)
1SR139-400
---
---
0.5
uAdc
CT
Capacitance Between Terminals
(VR=1.0V, f=1.0MHz)
---
2.0
---
pF





 

 


























 
DIMENSIONS
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Revision:
A
20
11/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - RB721Q-40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RB721Q-40 DIODES-RB721Q-40 Datasheet
72Kb / 3P
   Schottky barrier diode
logo
Rohm
RB721Q-40 ROHM-RB721Q-40 Datasheet
156Kb / 4P
   Schottky barrier diode
RB721Q-40 ROHM-RB721Q-40 Datasheet
134Kb / 4P
   Schottky barrier diode
RB721Q-40 ROHM-RB721Q-40 Datasheet
134Kb / 4P
   Schottky barrier diode
logo
Micro Commercial Compon...
RB721Q-40 MCC-RB721Q-40 Datasheet
257Kb / 3P
   30 mA Rectifier 40 Volts
More results

Similar Description - RB721Q-40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB721Q-40 MCC-RB721Q-40_13 Datasheet
257Kb / 3P
   30 mA Rectifier 40 Volts
RB751S-40LP MCC-RB751S-40LP Datasheet
323Kb / 3P
   30 mA Schottky Rectifier 40 Volts
RB751S-40L2 MCC-RB751S-40L2 Datasheet
285Kb / 3P
   30 mA Schottky Rectifier 40 Volts
RB751S-40LP MCC-RB751S-40LP_13 Datasheet
260Kb / 3P
   30 mA Schottky Rectifier 40 Volts
BAS40LP MCC-BAS40LP Datasheet
530Kb / 3P
   120 mA Schottky Rectifier 40 Volts
RB715F MCC-RB715F Datasheet
177Kb / 2P
   30 mA Schottky Barrier Diode 40 Volts
RB715W MCC-RB715W_13 Datasheet
160Kb / 2P
   30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F_13 Datasheet
135Kb / 2P
   30 mA Schottky Barrier Diode 40 Volts
RB715F MCC-RB715F_13 Datasheet
139Kb / 2P
   30 mA Schottky Barrier Diode 40 Volts
RB717F MCC-RB717F Datasheet
168Kb / 2P
   30 mA Schottky Barrier Diode 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com