Electronic Components Datasheet Search |
|
DRV8840PWPR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
DRV8840PWPR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 18 page 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 28 27 26 25 24 23 22 21 20 GND (PPAD) GND I4 I3 I2 I1 I0 NC ENBL PHASE DECAY nFAULT nSLEEP nRESET V3P3OUT VREF GND VM VREF ISEN OUT1 OUT2 OUT2 OUT1 ISEN VCP VM CP1 CP2 PWP PACKAGE (TOP VIEW) DRV8840 SLVSAB7B – MAY 2010 – REVISED MAY 2011 www.ti.com ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) (2) VALUE UNIT VMx Power supply voltage range –0.3 to 47 V Digital pin voltage range –0.5 to 7 V VREF Input voltage –0.3 to 4 V ISENSEx pin voltage –0.3 to 0.8 V Peak motor drive output current, t < 1 μS Internally limited A Continuous motor drive output current(3) 5 A Continuous total power dissipation See Dissipation Ratings table TJ Operating virtual junction temperature range –40 to 150 °C TA Operating ambient temperature range –40 to 85 °C Tstg Storage temperature range –60 to 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute –maximum–rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to network ground terminal. (3) Power dissipation and thermal limits must be observed. 4 Copyright © 2010–2011, Texas Instruments Incorporated |
Similar Part No. - DRV8840PWPR |
|
Similar Description - DRV8840PWPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |