Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8840PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8840PWPR
Description  DC MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8840PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8840PWPR Datasheet HTML 6Page - Texas Instruments DRV8840PWPR Datasheet HTML 7Page - Texas Instruments DRV8840PWPR Datasheet HTML 8Page - Texas Instruments DRV8840PWPR Datasheet HTML 9Page - Texas Instruments DRV8840PWPR Datasheet HTML 10Page - Texas Instruments DRV8840PWPR Datasheet HTML 11Page - Texas Instruments DRV8840PWPR Datasheet HTML 12Page - Texas Instruments DRV8840PWPR Datasheet HTML 13Page - Texas Instruments DRV8840PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DRV8840
SLVSAB7B
– MAY 2010 – REVISED MAY 2011
www.ti.com
The DRV8840 supports fast decay and slow decay mode. Slow or fast decay mode is selected by the state of
the DECAY pin - logic low selects slow decay, and logic high sets fast decay mode. The DECAY pin has both an
internal pullup resistor of approximately 130 k
Ω and an internal pulldown resistor of approximately 80 kΩ. This
sets the mixed decay mode if the pin is left open or undriven.
DECAY mode also affects the operation of the bridge when it is disabled (by taking the ENBL pin inactive). This
applies if the ENABLE input is being used for PWM speed control of the motor, or if it is simply being used to
start and stop motor rotation.
If the DECAY pin is high (fast decay), when the bridge is disabled fast decay mode will be entered until the
current through the bridge reaches zero. Once the current is at zero, the bridge is disabled to prevent the motor
from reversing direction. This allows the motor to coast to a stop.
If the DECAY pin is low (slow decay), both low-side FETs will be turned on when ENBL is made inactive. This
essentially shorts out the back EMF of the motor, causing the motor to brake, and stop quickly. The low-side
FETs will stay in the ON state even after the current reaches zero.
Blanking Time
After the current is enabled in an H-bridge, the voltage on the xISEN pin is ignored for a fixed period of time
before enabling the current sense circuitry. This blanking time is fixed at 3.75
μs. Note that the blanking time also
sets the minimum on time of the PWM.
nRESET and nSLEEP Operation
The nRESET pin, when driven active low, resets the internal logic. It also disables the H-bridge driver. All inputs
are ignored while nRESET is active.
Driving nSLEEP low will put the device into a low power sleep state. In this state, the H-bridges are disabled, the
gate drive charge pump is stopped, the V3P3OUT regulator is disabled, and all internal clocks are stopped. In
this state all inputs are ignored until nSLEEP returns inactive high. When returning from sleep mode, some time
(approximately 1 ms) needs to pass before the motor driver becomes fully operational. Note that nRESET and
nSLEEP have internal pulldown resistors of approximately 100 k
Ω. These signals need to be driven to logic high
for device operation.
Protection Circuits
The DRV8840 is fully protected against undervoltage, overcurrent and overtemperature events.
Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the OCP time, all FETs in the H-bridge will be disabled and the
nFAULT pin will be driven low. The device will remain disabled until either nRESET pin is applied, or VM is
removed and re-applied.
Overcurrent conditions on both high and low side devices; i.e., a short to ground, supply, or across the motor
winding will all result in an overcurrent shutdown. Note that overcurrent protection does not use the current sense
circuitry used for PWM current control, and is independent of the ISENSE resistor value or VREF voltage.
Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled and the nFAULT pin will be
driven low. Once the die temperature has fallen to a safe level operation will automatically resume.
Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pins falls below the undervoltage lockout threshold voltage, all circuitry in the
device will be disabled and internal logic will be reset. Operation will resume when VM rises above the UVLO
threshold.
10
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - DRV8840PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8840PWPR TI1-DRV8840PWPR Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
More results

Similar Description - DRV8840PWPR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8802 TI1-DRV8802_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842 TI1-DRV8842_15 Datasheet
1Mb / 27P
[Old version datasheet]   DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com