Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1167 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1167
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1167 Datasheet(HTML) 4 Page - Texas Instruments

  SN75C1167 Datasheet HTML 1Page - Texas Instruments SN75C1167 Datasheet HTML 2Page - Texas Instruments SN75C1167 Datasheet HTML 3Page - Texas Instruments SN75C1167 Datasheet HTML 4Page - Texas Instruments SN75C1167 Datasheet HTML 5Page - Texas Instruments SN75C1167 Datasheet HTML 6Page - Texas Instruments SN75C1167 Datasheet HTML 7Page - Texas Instruments SN75C1167 Datasheet HTML 8Page - Texas Instruments SN75C1167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
EQUIVALENT OF A OR B INPUT
EQUIVALENT OF DRIVER ENABLE INPUT
Input
VCC
VCC
Input
GND
GND
17 kΩ
NOM
1.7 kΩ
NOM
1.7 kΩ
NOM
288 kΩ
NOM
VCC (A)
or
GND (B)
TYPICAL OF EACH RECEIVER OUTPUT
TYPICAL OF EACH DRIVER OUTPUT
GND
Output
VCC
GND
Output
VCC
SN65C1167
SN75C1167, SN65C1168, SN75C1168
SLLS159F – MARCH 1993 – REVISED NOVEMBER 2009
www.ti.com
SCHEMATIC OF INPUTS
SCHEMATIC OF OUTPUTS
4
Submit Documentation Feedback
Copyright © 1993–2009, Texas Instruments Incorporated
Product Folder Link(s): SN65C1167 SN75C1167 SN65C1168 SN75C1168


Similar Part No. - SN75C1167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1167 TI-SN75C1167 Datasheet
161Kb / 10P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI-SN75C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI-SN75C1167 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI-SN75C1167 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI1-SN75C1167 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75C1167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com