Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1167 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1167
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1167 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75C1167 Datasheet HTML 4Page - Texas Instruments SN75C1167 Datasheet HTML 5Page - Texas Instruments SN75C1167 Datasheet HTML 6Page - Texas Instruments SN75C1167 Datasheet HTML 7Page - Texas Instruments SN75C1167 Datasheet HTML 8Page - Texas Instruments SN75C1167 Datasheet HTML 9Page - Texas Instruments SN75C1167 Datasheet HTML 10Page - Texas Instruments SN75C1167 Datasheet HTML 11Page - Texas Instruments SN75C1167 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VOC
VOD2
RL
2
RL
2
50%
50%
50%
50%
tPLH
tPHL
tPHL
tPLH
VOLTAGE WAVEFORMS
Input
(see Note B)
1.3 V
1.3 V
C1
C2
C3
R3
R1
R2
Input
1.5 V
S1
See Note A
TEST CIRCUIT
1.3 V
1.3 V
tsk(p)
tsk(p)
Y
Z
1.3 V
1.3 V
Y
Z
VOH
VOL
3 V
0 V
VOH
VOL
C2
VOLTAGE WAVEFORMS
tr
tf
0 V
3 V
10%
90%
C1
C3
R3
R1
R2
Input
1.5 V
S1
See Note A
TEST CIRCUIT
10%
90%
Input
(see Note B)
Differential
Output
VOD
SN65C1167
SN75C1167, SN65C1168, SN75C1168
SLLS159F – MARCH 1993 – REVISED NOVEMBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver Test Circuit, VOD and VOC
A.
C1, C2, and C3 include probe and jig capacitance.
B.
The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, 50% duty cycle, tr = tf
≤ 6 ns.
Figure 2. Driver Test Circuit and Voltage Waveforms
C.
C1, C2, and C3 include probe and jig capacitance.
D.
The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, 50% duty cycle, tr = tf
≤ 6 ns.
Figure 3. Driver Test Circuit and Voltage Waveforms
E.
C1, C2, and C3 include probe and jig capacitance.
F.
The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, 50% duty cycle, tr = tf
≤ 6 ns.
8
Submit Documentation Feedback
Copyright © 1993–2009, Texas Instruments Incorporated
Product Folder Link(s): SN65C1167 SN75C1167 SN65C1168 SN75C1168


Similar Part No. - SN75C1167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1167 TI-SN75C1167 Datasheet
161Kb / 10P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI-SN75C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI-SN75C1167 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI-SN75C1167 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167 TI1-SN75C1167 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75C1167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com