Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTPS24-7530DT-2P Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # KTPS24-7530DT-2P
Description  Volgen 24 Watt Desktop Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KTPS24-7530DT-2P Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  KTPS24-7530DT-2P Datasheet HTML 1Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
Volgen
24 Watt Desktop Series
Desktop Type
www.volgen.com
Model
O/P Voltage
O/P Current
Watt
KTPS24-0540DT-2P
5.0V
4.0A
20.0 W
KTPS24-0635DT-2P
5.9V
3.5A
20.65 W
KTPS24-0730DT-2P
7.0V
3.0A
21.0 W
KTPS24-7530DT-2P
7.5V
3.0A
22.5W
KTPS24-0925DT-2P
9.0V
2.5A
22.5 W
KTPS24-9525DT-2P
9.5V
2.5A
23.75 W
KTPS24-1220DT-2P
12.0V
2.0A
24.0 W
KTPS24-1516DT-2P
15.0V
1.6A
24.0 W
KTPS24-2410DT-2P
24.0V
1.0A
24.0 W
KTPS24-4805DT-2P
48.0V
0.5A
24.0 W
Input
Voltage
100-240 VAC
Line Frequency
50-60Hz
Current
0.58A Max.
Protection
Internal Primary Current Fuse, Inrush Limiting
Configuration
IEC320/ C8
Output
Load Regulation
± 5% (Typical)
Ripple
1~2% V p-p Max. for Output Voltage @ Full Load
Transient Response 0.5ms for 50% Load Change Typical
Holdup Time
10mS @ Full Load
Protection
Short Circuit Protection/ Over Voltage
Protection/ Over Current Protection
DC Cord
22AWG / 20AWG / 18AWG
Ferrite Core
No (Optional)
Safety Approvals
CB / UL / cUL / FCC / GS / CE / PSE / BSMI / RCM / CCC / LPS
Electrical
Topology
Switchig Flyback
Dielectric Withstand
3000 VAC Primary - Secondary
Leakage Current
0.25mA @ 2 Pin
Efficiency
Meet Energy Star Level V &
ERP Stage 2 & MEPS
EMI Conduction & Radiation Compliance to EN55022 Class B
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11
MTBF
50,000 Calculated Hours at 25ºC, by
MIL-HDBK-217F
Environmental
Operaturing Temperature
0 to +40ºC
Storage Temperature
-20 to + 80ºC
Relative Humidity
Operating: 20 to 80% RH
Storage: 10 to 90% RH
Cooling
Natural Convection Cooling
Mechanical
Case Dimensions
L88 x W50 x H34 (mm)
Weight
166g (reference)
Features:
100-240VAC Universal Input
Single Output to 24W
Regulated Output with Low Ripple Noise
Meets Safety Agency Requirements and Complies
EMI/EMS
, CEC V
Modified and Custom Designs Available
1 Year Warranty
Green Mode
Meet CEC, Energy Star & ERP Regulations
No Load Power Consumption Less Than 0.3W
KTPS
-□□□ □□ □
DT- Desktop
O/P Current
O/P Voltage


Similar Part No. - KTPS24-7530DT-2P

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS24-7530DT-2P-VI VOLGEN-KTPS24-7530DT-2P-VI Datasheet
190Kb / 3P
   24 Watt DoE Level VI Universal Input, Desktop Adapter
More results

Similar Description - KTPS24-7530DT-2P

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS24-05040WA VOLGEN-KTPS24-05040WA Datasheet
2Mb / 1P
   Volgen 24 Watt Series
KTPS24-05040MP VOLGEN-KTPS24-05040MP Datasheet
4Mb / 1P
   Volgen 24 Watt Series
KTPS200 VOLGEN-KTPS200 Datasheet
412Kb / 1P
   Volgen 200 Watt Series
KTPS10-03320WA VOLGEN-KTPS10-03320WA Datasheet
4Mb / 1P
   Volgen 10 Watt Series
logo
Astrodyne Corporation
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P-VI VOLGEN-KTPS24-0540DT-2P-VI Datasheet
190Kb / 3P
   24 Watt DoE Level VI Universal Input, Desktop Adapter
KTPS24-24010DT-2P-VI-P1 VOLGEN-KTPS24-24010DT-2P-VI-P1 Datasheet
461Kb / 3P
   24 Watt DoE/CEC Level VI Universal Input, Desktop Adapter
logo
Tumbler Technologies + ...
TRA24 TRUMPOWER-TRA24 Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
logo
List of Unclassifed Man...
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
   100 Watt ITE Desktop Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com