Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTPS10-08413WA Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # KTPS10-08413WA
Description  Volgen 10 Watt Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KTPS10-08413WA Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  KTPS10-08413WA Datasheet HTML 1Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
Volgen
10 Watt Series
Wall Mount Type
www.volgen.com
USA / Japan / Taiwan / Europe / U.K.
Model
O/P Voltage
O/P Current
Watt
KTPS10-03320WA
3.3V
2.0A
6.60W
KTPS10-0452WA
4.5V
2.0A
9.00W
KTPS10-05020WA
5.0V
2.0A
10.00W
KTPS10-05026WA
5.0V
2.5A
12.50W
KTPS10-06020WA
6.0V
2.0A
12.00W
KTPS10-07514WA
7.5V
1.4A
10.50W
KTPS10-08413WA
8.4V
1.3A
10.92W
KTPS10-09012WA
9.0V
1.2A
10.80W
KTPS10-12010WA
12.0V
1.0A
12.00W
KTPS10-13508WA
13.5V
0.8A
10.80W
KTPS10-15008WA
15.0V
0.8A
12.00W
KTPS10-18006 WA
18.0V
0.66A
11.88W
KTPS10-24005WA
24.0V
0.5A
12.00W
Input
Voltage
100-240 VAC
Line Frequency
50-60Hz
Current
0.31A Max.
Protection
Internal Primary Current Fuse, Inrush Limiting
AC Inlet
WA for UL AC Pin (Side)
E2 for EU Pin
B2 for UK Pin
Output
Load Regulation
± 5% Typical
Ripple
1~2%V p-p Max. for Output Voltage@ Full Load
Transient Response
0.5mS for 50% Load Change Typical
Holdup Time
10mS @ Full Load
Protection
Short Circuit Protection/ Over Voltage
Protection/ Over Current Protection
DC Cord
22AWG / 20AWG / 18AWG
Ferrite Core
Yes
Safety Approvals
For USA- CB / UL / cUL / FCC / PSE / BSMI / LPS
For Europe- CB / GS / CE / LPS
For U.K.- CB / CE / LPS
Electrical
Topology
Switching Flyback
Dielectric Withstand
3000 VAC Primary - Secondary
Leakage Current
0.25mA @ 2 Pin
Efficiency
Meet Energy Star Level V &
ERP Stage 2
EMI Conduction & Radiation Compliance to EN55022 Class B
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-
2,3,4,5,6,8,11
MTBF
50,000 Calculated Hours at 25ºC, by
MIL-HDBK-217F
Environmental
Operaturing Temperature
0 to +40ºC
Storage Temperature
-20 to +80ºC
Relative Humidity
Operating: 20 to 80% RH
Storage: 10 to 90% RH
Cooling
Natural Convection Cooling
Mechanical
Case Dimensions
U2 - L 72 x W 34 x H 59 (mm)
E2 - L 72 x W 34 x H 80 (mm)
B2 - L 72 x W 50 x H 72 (mm)
Weight
U2:126g / E2:128g / B2:130g (reference)
Features:
100-240VAC Universal Input
Single Output to 10W
Regulated Output with Low Ripple Noise
Meets Safety Agency Requirements and Complies
EMI/EMS
,
Modified and Custom Designs Available
1 Year Warranty
KTPS
-□□□ □□ □
WA- ULAC Pin / E2- EU Pin / B2- UK Pin
O/P Current
O/P Voltage
Green Mode
Meet CEC, Energy Star & ERP Regulations
No Load Power Consumption Less Than 0.3W


Similar Part No. - KTPS10-08413WA

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS12-03320WA-VI-P1 VOLGEN-KTPS12-03320WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
KTPS12-03320WA-VI-P1 VOLGEN-KTPS12-03320WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
KTPS12-05020WA-VI-P1 VOLGEN-KTPS12-05020WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
KTPS12-05020WA-VI-P1 VOLGEN-KTPS12-05020WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
KTPS12-05025WA-VI-P1 VOLGEN-KTPS12-05025WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
More results

Similar Description - KTPS10-08413WA

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS200 VOLGEN-KTPS200 Datasheet
412Kb / 1P
   Volgen 200 Watt Series
KTPS24-05040WA VOLGEN-KTPS24-05040WA Datasheet
2Mb / 1P
   Volgen 24 Watt Series
KTPS24-05040MP VOLGEN-KTPS24-05040MP Datasheet
4Mb / 1P
   Volgen 24 Watt Series
KTPS24-0540DT-2P VOLGEN-KTPS24-0540DT-2P Datasheet
1Mb / 1P
   Volgen 24 Watt Desktop Series
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
   TEL 10 Series, 10 Watt
Rev. March 6, 2023
logo
Power-One
IWS505 POWER-ONE-IWS505 Datasheet
111Kb / 3P
   IWS SERIES - 10 WATT
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
TRACO Electronic AG
TEL10WI TRACOPOWER-TEL10WI Datasheet
938Kb / 4P
   TEL 10WI Series, 10 Watt
Rev. March 6, 2023
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
   TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
logo
Phihong USA Inc.
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com