Electronic Components Datasheet Search |
|
SN65C1168PWR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN65C1168PWR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page SN65C1167 SN75C1167, SN65C1168, SN75C1168 www.ti.com SLLS159F – MARCH 1993 – REVISED NOVEMBER 2009 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range(2) –0.5 7 V Driver –0.5 VCC + 0.5 VI Input voltage range V A or B, Receiver –11 14 VID Differential input voltage range(3) Receiver –14 14 V VO Output voltage range Driver –0.5 7 V IIK or IOK Clamp current range Driver ±20 mA Driver ±150 IO Output current range mA Receiver ±25 ICC Supply current 200 mA GND current −200 mA TJ Operating virtual junction temperature 150 °C DB package 82 N package 67 θJA Package thermal impedance(4) (5) °C/W NS package 64 PW package 108 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages values except differential input voltage are with respect to the network GND. (3) Differential input voltage is measured at the noninverting terminal with respect to the inverting terminal. (4) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (5) The package thermal impedance is calculated in accordance with JESD 51-7. RECOMMENDED OPERATING CONDITIONS MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIC Common-mode input voltage(1) Receiver ±7 V VID Differential input voltage Receiver ±7 V VIH High-level input voltage Except A, B 2 V VIL Low-level input voltage Except A, B 0.8 V Receiver −6 IOH High-level output current mA Driver −20 Receiver 6 IOL Low-level output current mA Driver 20 SN75C1167, SN75C1168 0 70 TA Operating free-air temperature °C SN65C1167, SN65C1168 –40 85 (1) Refer to TIA/EIA-422-B for exact conditions. Copyright © 1993–2009, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): SN65C1167 SN75C1167 SN65C1168 SN75C1168 |
Similar Part No. - SN65C1168PWR |
|
Similar Description - SN65C1168PWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |